データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB9D0P03J3-0-T3-G データシート(PDF) 5 Page - Cystech Electonics Corp.

部品番号 MTB9D0P03J3-0-T3-G
部品情報  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB9D0P03J3-0-T3-G データシート(HTML) 5 Page - Cystech Electonics Corp.

  MTB9D0P03J3-0-T3-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB9D0P03J3-0-T3-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB9D0P03J3-0-T3-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB9D0P03J3-0-T3-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB9D0P03J3-0-T3-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB9D0P03J3-0-T3-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB9D0P03J3-0-T3-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB9D0P03J3-0-T3-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB9D0P03J3-0-T3-G Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C053J3
Issued Date : 2017.03.22
Revised Date :
Page No. : 5/9
MTB9D0P03J3
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
100
1000
10000
0
5
10
15
20
25
-VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
f=1MHz
Threshold Voltage vs Junction Tempearture
0.2
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=-250
μA
ID=-1mA
Maximum Safe Operating Area
0.1
1
10
100
1000
0.1
1
10
100
-VDS, Drain-Source Voltage(V)
RDS(ON)
Limited
DC
10ms
100ms
1ms
100
μs
TC=25°C, Tj=150°C,
VGS=-10V, RθJC=2.5°C/W,
single pulse
1s
Gate Charge Characteristics
0
2
4
6
8
10
0
6
12
18
24
30
36
42
48
54
60
Qg, Total Gate Charge(nC)
ID=-20A
VDS=-15V
VDS=-20V
Maximum Drain Current vs Case Temperature
0
10
20
30
40
50
60
25
50
75
100
125
150
175
200
TC, Case Temperature(°C)
VGS=-10V, Tj(max)=150°C,
RθJC=2.5°C/W, single pulse
Typical Transfer Characteristics
0
20
40
60
80
100
012
345
-VGS, Gate-Source Voltage(V)
VDS=-10V


同様の部品番号 - MTB9D0P03J3-0-T3-G

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB9D0P03H8 CYSTEKEC-MTB9D0P03H8 Datasheet
611Kb / 11P
   P-Channel Enhancement Mode Power MOSFET
MTB9D0P03H8-0-T6-G CYSTEKEC-MTB9D0P03H8-0-T6-G Datasheet
611Kb / 11P
   P-Channel Enhancement Mode Power MOSFET
MTB9D0P03Q8 CYSTEKEC-MTB9D0P03Q8 Datasheet
420Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTB9D0P03Q8-0-T3-G CYSTEKEC-MTB9D0P03Q8-0-T3-G Datasheet
420Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTB9D0P03V8 CYSTEKEC-MTB9D0P03V8 Datasheet
447Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
More results

同様の説明 - MTB9D0P03J3-0-T3-G

メーカー部品番号データシート部品情報
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com