データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCVF25081 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCVF25081
部品情報  3.3-V PHASED-LOCK LOOP CLOCK DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CDCVF25081 データシート(HTML) 11 Page - Texas Instruments

Back Button CDCVF25081 Datasheet HTML 4Page - Texas Instruments CDCVF25081 Datasheet HTML 5Page - Texas Instruments CDCVF25081 Datasheet HTML 6Page - Texas Instruments CDCVF25081 Datasheet HTML 7Page - Texas Instruments CDCVF25081 Datasheet HTML 8Page - Texas Instruments CDCVF25081 Datasheet HTML 9Page - Texas Instruments CDCVF25081 Datasheet HTML 10Page - Texas Instruments CDCVF25081 Datasheet HTML 11Page - Texas Instruments CDCVF25081 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CDCVF25081
3.3-V PHASED-LOCK LOOP CLOCK DRIVER
SCAS671A – OCTOBER 2001 – REVISED FEBRUARY 2003
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
MECHANICAL DATA
D (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
8 PINS SHOWN
8
0.197
(5,00)
A MAX
A MIN
(4,80)
0.189
0.337
(8,55)
(8,75)
0.344
14
0.386
(9,80)
(10,00)
0.394
16
DIM
PINS **
4040047/E 09/01
0.069 (1,75) MAX
Seating Plane
0.004 (0,10)
0.010 (0,25)
0.010 (0,25)
0.016 (0,40)
0.044 (1,12)
0.244 (6,20)
0.228 (5,80)
0.020 (0,51)
0.014 (0,35)
1
4
8
5
0.150 (3,81)
0.157 (4,00)
0.008 (0,20) NOM
0
°– 8°
Gage Plane
A
0.004 (0,10)
0.010 (0,25)
0.050 (1,27)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion, not to exceed 0.006 (0,15).
D. Falls within JEDEC MS-012


同様の部品番号 - CDCVF25081

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCVF25081 TI-CDCVF25081 Datasheet
596Kb / 16P
[Old version datasheet]   3.3-V PHASED-LOCK LOOP CLOCK DRIVER
CDCVF25081D TI-CDCVF25081D Datasheet
596Kb / 16P
[Old version datasheet]   3.3-V PHASED-LOCK LOOP CLOCK DRIVER
CDCVF25081DG4 TI-CDCVF25081DG4 Datasheet
596Kb / 16P
[Old version datasheet]   3.3-V PHASED-LOCK LOOP CLOCK DRIVER
CDCVF25081DR TI-CDCVF25081DR Datasheet
596Kb / 16P
[Old version datasheet]   3.3-V PHASED-LOCK LOOP CLOCK DRIVER
CDCVF25081DRG4 TI-CDCVF25081DRG4 Datasheet
596Kb / 16P
[Old version datasheet]   3.3-V PHASED-LOCK LOOP CLOCK DRIVER
More results

同様の説明 - CDCVF25081

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCVF25081DRG4 TI-CDCVF25081DRG4 Datasheet
596Kb / 16P
[Old version datasheet]   3.3-V PHASED-LOCK LOOP CLOCK DRIVER
CDCVF25081PWR TI-CDCVF25081PWR Datasheet
596Kb / 16P
[Old version datasheet]   3.3-V PHASED-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDCVF2505 TI1-CDCVF2505_12 Datasheet
549Kb / 14P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCF2509 TI1-CDCF2509_17 Datasheet
641Kb / 15P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com