データシートサーチシステム |
|
CA1-DC12V-N データシート(PDF) 5 Page - Nais(Matsushita Electric Works) |
|
CA1-DC12V-N データシート(HTML) 5 Page - Nais(Matsushita Electric Works) |
5 / 5 page CA 387 REFERENCE DATA 1. Coil temperature rise Tested sample: CA1aS-12V-N-5, 5 pcs. Point measured: Inside the coil Contact carrying current: 20A Ambient temperature: Room temperature, 85 °C 185°F 2. Electrical life test (Motor load) Tested sample: CA1a-12V-N-5, 5 pcs. Load: Steady 30A, Inrush 150A, 12V DC Operate frequency: ON 3s, OFF 15s Ambient temperature: Room temperature 12 14 16 140 120 100 80 60 40 20 0 85 °C 185 °F Room temperature Coil applied voltage, V 0 2 4 6 8 10 02 X X Max. Max. Min. Min. No. of operations, ×104 Contact welding: 0 times Miscontact: 0 times Pick-up voltage Drop-out voltage For Cautions for use, see Relay Technical Information (Page 48 to 76). 9/1/2000 All Rights Reserved, © Copyright Matsushita Electric Works, Ltd. Go To Online Catalog |
同様の部品番号 - CA1-DC12V-N |
|
同様の説明 - CA1-DC12V-N |