データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAL-CC1101-01D3 データシート(PDF) 5 Page - STMicroelectronics

部品番号 BAL-CC1101-01D3
部品情報  Low amplitude imbalance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAL-CC1101-01D3 データシート(HTML) 5 Page - STMicroelectronics

  BAL-CC1101-01D3 Datasheet HTML 1Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 2Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 3Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 4Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 5Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 6Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 7Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 8Page - STMicroelectronics BAL-CC1101-01D3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID025629 Rev 3
5/10
BAL-CC1101-01D3
Package information
2
Package information
Epoxy meets UL94, V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
2.1
Flip-Chip package information
Figure 10. Flip-Chip package outline
Table 3. Flip-Chip package mechanical data
Parameter
Description
Min.
Typ.
Max.
Unit
A
Bump height + substrate thickness
0.570
0.630
0.690
mm
b
Bump diameter
0.215
0.255
0.295
mm
D
Y dimension of the die
1.970
2.020
2.070
mm
D1
Y pitch
1.200
mm
E
X dimension of the die
1.000
1.050
1.100
mm
E1
X pitch
0.500
mm
fE
Distance from bump to edge of die on X axis
0.225
mm


同様の部品番号 - BAL-CC1101-01D3

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BAL-CC25-01D3 STMICROELECTRONICS-BAL-CC25-01D3 Datasheet
473Kb / 10P
   50 ohm, conjugate match to CC253x, CC254x, CC257x, CC852x, CC853x, transformer balun
November 2015 Rev 4
BAL-CC25-02D3 STMICROELECTRONICS-BAL-CC25-02D3 Datasheet
616Kb / 11P
   50 ohm, conjugate match to CC2541 transformer balun
More results

同様の説明 - BAL-CC1101-01D3

メーカー部品番号データシート部品情報
logo
STMicroelectronics
BALF-SPI-02D3 STMICROELECTRONICS-BALF-SPI-02D3 Datasheet
593Kb / 12P
   Low amplitude imbalance
BALF-NRG-01D3 STMICROELECTRONICS-BALF-NRG-01D3 Datasheet
891Kb / 13P
   Low amplitude imbalance
BAL-NRF02D3 STMICROELECTRONICS-BAL-NRF02D3 Datasheet
765Kb / 11P
   Low amplitude imbalance
BALF-SPI-01D3 STMICROELECTRONICS-BALF-SPI-01D3 Datasheet
730Kb / 12P
   Low amplitude imbalance
BALF-2690-02D3 STMICROELECTRONICS-BALF-2690-02D3 Datasheet
525Kb / 9P
   Low amplitude imbalance
BALF-NRF01E3 STMICROELECTRONICS-BALF-NRF01E3 Datasheet
513Kb / 10P
   Low amplitude imbalance
logo
WALSIN TECHNOLOGY CORPO...
RFBLN20121G8D0T WALSIN-RFBLN20121G8D0T Datasheet
449Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040A57N3T WALSIN-RFBLN1005040A57N3T Datasheet
335Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
AMBLN06052G5WM9T16 WALSIN-AMBLN06052G5WM9T16 Datasheet
638Kb / 6P
   Low in-band amplitude and phase imbalance enhances system performance
RFBLN1005040C0T WALSIN-RFBLN1005040C0T Datasheet
188Kb / 2P
   Low in-band amplitude and phase imbalance enhances system performance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com