データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CX2-B0-14-615-22A データシート(PDF) 4 Page - Carling Technologies

部品番号 CX2-B0-14-615-22A
部品情報  CIRCUIT BREAKER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CARLINGTECH [Carling Technologies]
ホームページ  http://www.carlingtech.com/
Logo CARLINGTECH - Carling Technologies

CX2-B0-14-615-22A データシート(HTML) 4 Page - Carling Technologies

  CX2-B0-14-615-22A Datasheet HTML 1Page - Carling Technologies CX2-B0-14-615-22A Datasheet HTML 2Page - Carling Technologies CX2-B0-14-615-22A Datasheet HTML 3Page - Carling Technologies CX2-B0-14-615-22A Datasheet HTML 4Page - Carling Technologies CX2-B0-14-615-22A Datasheet HTML 5Page - Carling Technologies CX2-B0-14-615-22A Datasheet HTML 6Page - Carling Technologies CX2-B0-14-615-22A Datasheet HTML 7Page - Carling Technologies CX2-B0-14-615-22A Datasheet HTML 8Page - Carling Technologies CX2-B0-14-615-22A Datasheet HTML 9Page - Carling Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Email: sales@carlingtech.com Application Support: team2@carlingtech.com
Phone: (860) 793–9281 Fax: (860) 793–9231
www.carlingtech.com
4 | CX-Series Circuit Breaker - General Specifications
O
H
M
S
0.1
1
10
100
1
100
10
0.001
0.01
0.1
0.01
1000
AMPERE RATING
RESISTANCE, IMPEDANCE VALUES
from Line to Load Terminals
(Values Based on Series Trip Circuit Breaker)
Current
(amps)
Tolerance
(%)
0.1 -5.0
15%
5.1-20.0
25%
20.1-125
35%
RESISTANCE PER POLE VALUES
from Line to Load Terminals
(Values Based on Series Trip Circuit Breaker)
100-125
Electrical
Maximum Voltage
600 VDC
Overload
50 operations at 600% of rated
current for UL489, and at 150% of
rated current for UL1077.
Mechanical
Endurance
Max 10,000 ON-OFF operations @
6 per minute; 6000 with rated
current & voltage, and 4,000 cycles
mechanical.
Trip Free
Trips on overload even when
actuator is forcibly held in the “On”
position.
Trip Indication
The operating handle moves
positively to the “Off” position when
an overload causes the breaker
to trip.
Environmental
Shock
Withstands 100 Gs, 6ms saw tooth
while carrying rated current per
MILPRF-55629 and MIL-STD-
202G, Method 213G, Test Condition
“I”. Instantaneous and ultra short
curves tested at 90% of rated current
Vibration
Withstands 0.060” excursion
from 10-55 Hz & 10 Gs 55-500 Hz,
at rated current per MIL-PRF-55629
and MILSTD-202G, Method 240D,
Test Cond. A. Instantaneous &
ultrashort curves tested at 90% of
rated current.
Moisture Resistance
MIL-PRF-55629 and MIL-STD-
202G, Method 106G, i.e., Ten 24-
hour cycles at +25°C to +65°C, 80-
98% RH.
Salt Spray
Method 101, Condition A (90-95%
RH at 5% NaCl Solution, 96 hrs).
Thermal Shock
MIL-PRF-55629 and MIL-STD-
202G, Method 107G, Condition A
(5-cycles at -55°C to +25°C to
+85°C to +25°C).
Operating Temperature
-40°C to +85°C.
Physical
Number of Poles
1- 2 poles, + Auxiliary Switch Pole.
Termination
10-32 or M5 Screw Terminals
1/4-20 or M6 Threaded Stud
Terminals
Termination Barrier
Standard with multi-pole constructions
Mounting
Threaded insert: #6-32 UNC-2B, or
M3X0.5-6H B ISO (2 per pole)
Actuator
Handle, 1 per pole.
Internal Circuit Config.
Series Trip
Materials
Housing - Glass filled Polyester
Handle - Glass filled Polyester
Line/Load Terminals - Copper Alloy.
~150 Grams (~5.3 Ounces).
Weight
~150 Grams (~5.3 Ounces).
Standard Color
Housing - Gray.
Handle - White, Black, Red, Green,
Blue, Yellow, Gray,
CURRENT
(AMPS)
TOLERANCE
(%)
0.10 - 5.0
15
5.1 - 20.0
25
20.1 - 50.0
35


同様の部品番号 - CX2-B0-14-615-22A

メーカー部品番号データシート部品情報
logo
Carling Technologies
CX2-B0-14-620-22A CARLINGTECH-CX2-B0-14-620-22A Datasheet
1Mb / 12P
   CIRCUIT BREAKER
More results

同様の説明 - CX2-B0-14-615-22A

メーカー部品番号データシート部品情報
logo
Carling Technologies
MA1-B-34-615-1A26 CARLINGTECH-MA1-B-34-615-1A26 Datasheet
4Mb / 24P
   Circuit Breaker
logo
Qualtek Electronics Cor...
QMB-032-00ENN-3BA QUALTEK-QMB-032-00ENN-3BA Datasheet
382Kb / 1P
   CIRCUIT BREAKER
QMB-102-11C3N-3BA QUALTEK-QMB-102-11C3N-3BA Datasheet
387Kb / 1P
   CIRCUIT BREAKER
QLB-053-00DNN-3BA QUALTEK-QLB-053-00DNN-3BA Datasheet
392Kb / 1P
   CIRCUIT BREAKER
QLB-153-11B3N-3BA QUALTEK-QLB-153-11B3N-3BA Datasheet
396Kb / 1P
   CIRCUIT BREAKER
QMB-053-00ENN-3BA QUALTEK-QMB-053-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-033-00ENN-3BA QUALTEK-QMB-033-00ENN-3BA Datasheet
404Kb / 1P
   CIRCUIT BREAKER
QMB-053-11C3N-3BA QUALTEK-QMB-053-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
QMB-103-11C3N-3BA QUALTEK-QMB-103-11C3N-3BA Datasheet
413Kb / 1P
   CIRCUIT BREAKER
logo
Carling Technologies
EA2-B0-24-450-12A-CB CARLINGTECH-EA2-B0-24-450-12A-CB Datasheet
3Mb / 9P
   Circuit Breaker
FA2-B0-14-820-12A-BG CARLINGTECH-FA2-B0-14-820-12A-BG Datasheet
3Mb / 12P
   Circuit Breaker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com