データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD2425N5075AHF データシート(PDF) 4 Page - Anaren Microwave

部品番号 BD2425N5075AHF
部品情報  Ultra Low Profile 0404 Balun
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANAREN [Anaren Microwave]
ホームページ  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2425N5075AHF データシート(HTML) 4 Page - Anaren Microwave

  BD2425N5075AHF Datasheet HTML 1Page - Anaren Microwave BD2425N5075AHF Datasheet HTML 2Page - Anaren Microwave BD2425N5075AHF Datasheet HTML 3Page - Anaren Microwave BD2425N5075AHF Datasheet HTML 4Page - Anaren Microwave BD2425N5075AHF Datasheet HTML 5Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model BD2425N5075AHF
Rev B
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be
used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet
published specifications.
All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical
and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/
oC.
An example of the PCB footprint used in the testing of these parts is shown below. An example of a DC-biased
footprint is also shown below. In specific designs, the transmission line widths need to be adjusted to the unique
dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances.
With No DC Bias
With DC Bias
Solder Resist
Footprint Pad (s)
Circuit Pattern
Dimensions are in Inches [Millimeters]
Mounting Footprint
Plated thru
hole to
ground
3X Transmission
Line
.020 [0.51]
.014 [0.36]
.008 [0.20]
3X
.011 [0.28]
SQ
Plated thru
hole to
ground
3X Transmission
Line
3X .011
[0.28]
3X .011
[0.28]
.020
[0.51]
.014 [0.36]
.008 [0.20]
.008 [0.20]
Solder Resist
Footprint Pad (s)
Circuit Pattern
Dimensions are in Inches [Millimeters]
.020 [0.51]


同様の部品番号 - BD2425N5075AHF

メーカー部品番号データシート部品情報
logo
Anaren Microwave
BD2425N5075A00 ANAREN-BD2425N5075A00 Datasheet
236Kb / 6P
   Ultra Low Profile 0404 Balun 50廓 to 75廓 Balanced
BD2425N5075A50 ANAREN-BD2425N5075A50 Datasheet
222Kb / 5P
   Ultra Low Profile 0404 Balun 50廓 to 75廓 Balanced
More results

同様の説明 - BD2425N5075AHF

メーカー部品番号データシート部品情報
logo
Anaren Microwave
BD4859N5050AHF ANAREN-BD4859N5050AHF Datasheet
298Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50100AHF ANAREN-BD4859N50100AHF Datasheet
193Kb / 5P
   Ultra Low Profile 0404 Balun
BD1416N50100AHF ANAREN-BD1416N50100AHF Datasheet
177Kb / 5P
   Ultra Low Profile 0404 Balun
BD4859N50150AHF ANAREN-BD4859N50150AHF Datasheet
296Kb / 5P
   Ultra Low Profile 0404 Balun
BD2327N50100AHF ANAREN-BD2327N50100AHF Datasheet
159Kb / 5P
   Ultra Low Profile 0404 Balun
BD2425NNRFA00 ANAREN-BD2425NNRFA00 Datasheet
249Kb / 3P
   Ultra Low Profile 0404 Balun For nRF24L01 and nRF24L01
BD4859N5050AHF ANAREN-BD4859N5050AHF_14 Datasheet
293Kb / 6P
   Ultra Low Profile 0404 Balun 50 to 50 Balanced
BD4859N50100A00 ANAREN-BD4859N50100A00_14 Datasheet
385Kb / 6P
   Ultra Low Profile 0404 Balun 50 to 100 Balanced
BD2425N50100AHF ANAREN-BD2425N50100AHF Datasheet
295Kb / 5P
   Ultra Low Profile 0404 Balun 50 to 100 Balanced
BD2425N50200AHF ANAREN-BD2425N50200AHF Datasheet
295Kb / 5P
   Ultra Low Profile 0404 Balun 50 to 200 Balanced
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com