データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES3207 データシート(PDF) 4 Page - List of Unclassifed Manufacturers

部品番号 ES3207
部品情報  Video CD/DVD Companion Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC - List of Unclassifed Manufacturers

ES3207 データシート(HTML) 4 Page - List of Unclassifed Manufacturers

  ES3207 Datasheet HTML 1Page - List of Unclassifed Manufacturers ES3207 Datasheet HTML 2Page - List of Unclassifed Manufacturers ES3207 Datasheet HTML 3Page - List of Unclassifed Manufacturers ES3207 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
© 1997 ESS Technology, Inc. All rights reserved.
SAM0076-051701
ES3207 VIDEO CD CC PRODUCT BRIEF
MECHANICAL DIMENSIONS
No part of this publication may be reproduced, stored in a
retrieval system, transmitted, or translated in any form or
by any means, electronic, mechanical, manual, optical, or
otherwise, without the prior written permission of ESS
Technology, Inc.
ESS Technology, Inc. makes no representations or
warranties regarding the content of this document.
All specifications are subject to change without prior
notice.
ESS Technology, Inc. assumes no responsibility for any
errors contained herein.
(P) U.S. Patent 4,214,125 and others, other patents
pending.
VideoDrive® is a registered trademark of ESS Technology,
Inc.
MPEG is the Moving Picture Experts Group of the ISO/IEC.
All other trademarks are owned by their respective
holders and are used for identification purposes only.
MECHANICAL DIMENSIONS
Symbol
Description
Millimeters
Min
Nom
Max
D
Lead to lead, X-axis
23.65
23.90
24.15
D1
Package’s outside, X-axis
19.90
20.00
20.10
E
Lead to lead, Y-axis
17.65
17.90
18.15
E1
Package’s outside, Y-axis
13.90
14.00
14.10
A1
Board standoff
0.10
0.25
0.36
A2
Package thickness
2.57
2.71
2.87
bLead width
0.20
0.30
0.40
e
Lead pitch
-0.65
-
e1
Lead gap
0.24
-
-
L
Foot length
0.65
0.80
0.95
L1
Lead length
1.88
1.95
2.02
-
Foot angle
-7°
-
Coplanarity
-
-
0.102
-
Leads in X-axis
-30
-
-
Leads in Y-axis
-20
-
-
Total leads
-100
-
-
Package type
-PQFP
-
E1
A2
A1
L
E
D1
b
D
ES3207
e
1
e1
L1
100-Pin PQFP


同様の部品番号 - ES3207

メーカー部品番号データシート部品情報
logo
Relpol S.A.
ES32 RELPOL-ES32 Datasheet
10Mb / 20P
   Plug-in sockets and accessories
logo
ESS Technology,Inc
ES3210 ESS-ES3210 Datasheet
63Kb / 4P
   Video CD Processor Product Brief
More results

同様の説明 - ES3207

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
ES3883 ETC-ES3883 Datasheet
38Kb / 4P
   Video CD Companion Chip Product Brief
logo
ATMEL Corporation
AT78C1502 ATMEL-AT78C1502 Datasheet
76Kb / 9P
   DVD/CD Servo
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
   DVD/CD Read Channel
AT78C1501 ATMEL-AT78C1501 Datasheet
119Kb / 15P
   DVD / CD ATAPI CONTROLLER
logo
Samsung semiconductor
S5L1462B SAMSUNG-S5L1462B Datasheet
199Kb / 43P
   CD and DVD playback
logo
NXP Semiconductors
SAA7818HL PHILIPS-SAA7818HL Datasheet
120Kb / 30P
   DVD and CD playback IC
Rev. 03-25 November 2004
logo
Rohm
BA5973FP ROHM-BA5973FP Datasheet
137Kb / 7P
   3-channel BTL driver for CD, CD-ROM, DVD, and DVD-ROM
BA5986FM ROHM-BA5986FM Datasheet
94Kb / 10P
   CD-ROM / DVD BTL DRIVE
logo
Sanyo Semicon Device
LC897127K SANYO-LC897127K Datasheet
79Kb / 14P
   SCSI CD-ROM Decoder with On-Chip DVD Interface
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com