データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-CBL005V1 データシート(PDF) 1 Page - STMicroelectronics

部品番号 STEVAL-CBL005V1
部品情報  LNB power supply demonstration board based on the LNBH23
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CBL005V1 データシート(HTML) 1 Page - STMicroelectronics

  STEVAL-CBL005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CBL005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CBL005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CBL005V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
April 2009
Doc ID 15562 Rev 1
1/4
4
STEVAL-CBL005V1
LNB power supply demonstration board based on the LNBH23
Features
Integrated DC-DC converter
Single input supply voltage: from 8 V to 15 V
I2C™ bus interface for the IC control and
diagnostics
Integrated 22 kHz tone generator, factory-
trimmed in accordance with widely accepted
standards
User-friendly graphical user interface ("LNBxxx
control suite") software included in the kit
Implements the LNBH23 in a QFN32 package
Description
The STEVAL-CBL005V1 LNB power supply
demonstration board implements a DC-DC
converter based on the LNBH23 device. The
LNBH23 is an LNB supply and control IC with
step-up and an I2C interface. It is used to power
an LNB on a dish antenna for reception of satellite
TV signals.
The LNBH23 is an integrated solution for
supplying/interfacing satellite LNB modules in
accordance with international standards.
This solution is simple, inexpensive, shows very
good performance and has a low external
component count.
The LNBH23 demonstration board includes an
I2C™ bus interface and an internal 22 kHz tone
generator that is factory-trimmed to comply with
widely accepted standards, and can be controlled
through the DSQIN pin (TTL compatible). This
allows immediate DiSEqC™ data encoding.
Due to the fully integrated step-up DC-DC
converter, it works with a single input voltage
supply source ranging from 8 V to 15 V.
STEVAL-CBL005V1
www.st.com


同様の部品番号 - STEVAL-CBL005V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-CBL001V1 STMICROELECTRONICS-STEVAL-CBL001V1 Datasheet
187Kb / 5P
   EEPROM data programming on-socket or via coaxial cable
June 2008 Rev 1
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
   LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
   Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-CBL006V1 STMICROELECTRONICS-STEVAL-CBL006V1 Datasheet
145Kb / 4P
   Demonstation board: power supply for LNB based on the LNBH24 (QFN32)
February 2009 Rev 1
STEVAL-CBL007V1 STMICROELECTRONICS-STEVAL-CBL007V1 Datasheet
122Kb / 4P
   LNB power supply demonstration board based on the DiSEqC 1.X-compliant LNBH23L
August 2010 Rev 1
More results

同様の説明 - STEVAL-CBL005V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
   LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
   LNB power supply based on the LNBH23 supply
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
   Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-CBL007V1 STMICROELECTRONICS-STEVAL-CBL007V1 Datasheet
122Kb / 4P
   LNB power supply demonstration board based on the DiSEqC 1.X-compliant LNBH23L
August 2010 Rev 1
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
STEVAL-LNBH04 STMICROELECTRONICS-STEVAL-LNBH04 Datasheet
254Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26LS
September 2016 Rev 1
STEVAL-LNBH05 STMICROELECTRONICS-STEVAL-LNBH05 Datasheet
256Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26S
September 2016 Rev 1
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26S
September 2016 Rev 1
AN3352 STMICROELECTRONICS-AN3352 Datasheet
1Mb / 26P
   Dual LNB power supply based on the LNBH24L
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com