データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-CDE001V1 データシート(PDF) 1 Page - STMicroelectronics

部品番号 STEVAL-CDE001V1
部品情報  Embedded web server based on the ST72F321M9 microcontroller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CDE001V1 データシート(HTML) 1 Page - STMicroelectronics

  STEVAL-CDE001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CDE001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CDE001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CDE001V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-CDE001V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-CDE001V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-CDE001V1 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
January 2008
Rev 1
1/7
7
STEVAL-CDE001V1
Embedded web server based on the ST72F321M9 microcontroller
Features
Provides temperature measurements in the
range of -55 °C to 150 °C
Ethernet interface to the webpage based
temperature display on computer terminal
2x16 dot matrix interface LCD module
Switches are provided for user interface
10 pin ICC programming/debugging connector
SCI interface for testing purposes
1 Mbyte serial Flash for storage of webpages
having larger memory requirements
Description
This evaluation board is able to offers a
temperature display via LCD on the board and on
a webpage via Ethernet connection. The board
acts as a server to provide temperature
information on a webpage displayed on the client
end. Is also able to measure the temperature from
a remote region and send it to a computer unit
and then provides the solution for central server-
based temperature measurement of various
terminals as in applications such us air
conditioning control in the industrial sector and
hospitals.
STEVAL-CDE001V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


同様の部品番号 - STEVAL-CDE001V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-CBL001V1 STMICROELECTRONICS-STEVAL-CBL001V1 Datasheet
187Kb / 5P
   EEPROM data programming on-socket or via coaxial cable
June 2008 Rev 1
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
   LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
   Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
   LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-CBL006V1 STMICROELECTRONICS-STEVAL-CBL006V1 Datasheet
145Kb / 4P
   Demonstation board: power supply for LNB based on the LNBH24 (QFN32)
February 2009 Rev 1
More results

同様の説明 - STEVAL-CDE001V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
UM0897 STMICROELECTRONICS-UM0897 Datasheet
711Kb / 25P
   Embedded Ethernet web client based on the STR91x
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
[Old version datasheet]   Microcontroller Based on the ARM
logo
ATMEL Corporation
SAMD20J ATMEL-SAMD20J Datasheet
3Mb / 586P
   ARM-Based Embedded Flash Microcontroller
logo
STMicroelectronics
AN3322 STMICROELECTRONICS-AN3322 Datasheet
1Mb / 38P
   Watt-hour meter based on the STM32F101 microcontroller
logo
Texas Instruments
TMS570LC4357 TI1-TMS570LC4357 Datasheet
10Mb / 227P
[Old version datasheet]   Hercules Microcontroller Based on the ARM짰 Cortex-R Core
logo
PHOENIX CONTACT
FL-SWITCH-SMN-6TX PHOENIX-FL-SWITCH-SMN-6TX Datasheet
95Kb / 10P
   Web-based management, SNMP
2832632 PHOENIX-2832632 Datasheet
107Kb / 10P
   Web-based management, SNMP
2989831 PHOENIX-2989831 Datasheet
78Kb / 5P
   Web-based management, SNMP
2989938 PHOENIX-2989938 Datasheet
78Kb / 5P
   Web-based management, SNMP
2989093 PHOENIX-2989093 Datasheet
71Kb / 5P
   Web-based management, SNMP
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com