データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-IDI005V1 データシート(PDF) 3 Page - STMicroelectronics

部品番号 STEVAL-IDI005V1
部品情報  SP1ML 868 MHz wireless sensor board powered by a coin cell battery
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IDI005V1 データシート(HTML) 3 Page - STMicroelectronics

  STEVAL-IDI005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IDI005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IDI005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IDI005V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IDI005V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STEVAL-IDI005V1
Schematic diagram
DocID028909 Rev 1
3/5
Figure 2: STEVAL-IDI005V1 circuit schematic (2 of 3)
Figure 3: STEVAL-IDI005V1 circuit schematic (3 of 3)
GSPG2201161355SG
3V
SP1MOD_I2C1_SCL
SP1MOD_I2C1_SDA
3V
3V
SP1MOD_INT
R7
10K
R2
4K7
U2
LIS2DH
SCL/SPC
1
SDA/SDI/SDO
2
SDO/SA0
3
CS
4
Vdd
8
GND
9
GND
10
GND
11
R10
DNM
R1
4K7
R11
DNM
C1
100nF
R8 10K
GSPG2201161405SG
SP1MOD_I2C1_SCL
3V
3V
SP1MOD_SWDIO
SP1MOD_SWCLK
NRST
3V
R13
10K
U3
HTS221
VDD
1
SCL/SPC
2
CS
6
GND
5
R14
10K
C5
100nF
J1
CON5
1
2
3
4
5


同様の部品番号 - STEVAL-IDI005V1

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-IDI002V2 STMICROELECTRONICS-STEVAL-IDI002V2 Datasheet
654Kb / 6P
   Low power STM32L series microcontroller
October 2015 Rev 1
STEVAL-IDI003V2 STMICROELECTRONICS-STEVAL-IDI003V2 Datasheet
288Kb / 6P
   Android app available
May 2016 Rev 2
STEVAL-IDI004V2 STMICROELECTRONICS-STEVAL-IDI004V2 Datasheet
376Kb / 7P
   Wireless bridge 868 MHz
December 2015
STEVAL-IDI009V1 STMICROELECTRONICS-STEVAL-IDI009V1 Datasheet
231Kb / 4P
   Evaluation board for passive infrared sensor signal conditioning based on TSU102
November 2016 Rev 1
More results

同様の説明 - STEVAL-IDI005V1

メーカー部品番号データシート部品情報
logo
Adam Technologies, Inc.
BH-44-5 ADAM-TECH-BH-44-5 Datasheet
193Kb / 1P
   BATTERY COIN CELL HOLDER
BH-47-1 ADAM-TECH-BH-47-1 Datasheet
65Kb / 1P
   BATTERY COIN CELL HOLDER
logo
PowerDynamics, Inc
PDI-2032-0 POWERDYNAMICS-PDI-2032-0 Datasheet
47Kb / 1P
   COIN CELL BATTERY HOLDER
logo
Adam Technologies, Inc.
BH-49-5 ADAM-TECH-BH-49-5 Datasheet
72Kb / 1P
   BATTERY COIN CELL HOLDER
logo
PowerDynamics, Inc
PDI-2325-0 POWERDYNAMICS-PDI-2325-0 Datasheet
51Kb / 1P
   BATTERY HOLDER COIN CELL
PDI-2425-0 POWERDYNAMICS-PDI-2425-0 Datasheet
43Kb / 1P
   COIN CELL BATTERY HOLDER
logo
List of Unclassifed Man...
122-27324-GR ETC2-122-27324-GR Datasheet
196Kb / 1P
   Coin Cell Battery Holder
logo
Adam Technologies, Inc.
BH-48-1 ADAM-TECH-BH-48-1 Datasheet
79Kb / 1P
   BATTERY COIN CELL HOLDER
BH-50-1 ADAM-TECH-BH-50-1 Datasheet
67Kb / 1P
   BATTERY COIN CELL HOLDER
BH-51-1 ADAM-TECH-BH-51-1 Datasheet
69Kb / 1P
   BATTERY COIN CELL HOLDER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com