データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-ILL039V2 データシート(PDF) 1 Page - STMicroelectronics

部品番号 STEVAL-ILL039V2
部品情報  Dimming mode with external PWM signal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL039V2 データシート(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL039V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL039V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL039V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL039V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2011
Doc ID 018913 Rev 1
1/4
4
STEVAL-ILL039V2
Step-up current controller for 4 LEDs
based on the STLDC08 driver
Features
Input voltage: 0.8 V to 3.6 V
Output: 4 LEDs at ILED = 300 mA
Dimming mode with external PWM signal
RoHS compliant
Description
The purpose of the STEVAL-ILL039V2
demonstration board is to provide an example for
applications of an LED driver using the step-up
controller STLDC08.
The STLDC08 is designed for handheld
equipment supplied by AA or AAA batteries and
provides a precise constant current starting from
a variable input voltage source.
The LED current is set by an external sense
resistor inserted between the feedback pin (FB)
and GND.
A regulation loop holds the voltage drop at the
sense resistor at a constant level (typ. 100 mV).
STEVAL-ILL039V2
www.st.com


同様の部品番号 - STEVAL-ILL039V2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-ILL039V1 STMICROELECTRONICS-STEVAL-ILL039V1 Datasheet
194Kb / 4P
   Step-up current controller for 2 LEDs based on the STLDC08 driver
More results

同様の説明 - STEVAL-ILL039V2

メーカー部品番号データシート部品情報
logo
Excelliance MOS Corp.
EM8633 EXCELLIANCE-EM8633 Datasheet
258Kb / 12P
   Green mode PWM Flyback Controller with External Over
logo
Kinetic Technologies.
KTD3156 KINETIC-KTD3156 Datasheet
765Kb / 16P
   6P10S LED Driver with PWM-Control Mixed-Mode Dimming
November 2015
KTD3156B KINETIC-KTD3156B Datasheet
609Kb / 16P
   6P10S LED Driver with PWM-Control Mixed-Mode Dimming
April 2020 - Revision 04c
logo
Excelliance MOS Corp.
EM8633L EXCELLIANCE-EM8633L Datasheet
256Kb / 12P
   Green mode PWM Flyback Controller with External Over
EM8636 EXCELLIANCE-EM8636 Datasheet
260Kb / 12P
   Green mode PWM with External Over Temperature Protection
logo
Maxim Integrated Produc...
MAX16816 MAXIM-MAX16816 Datasheet
341Kb / 33P
   Programmable Switch-Mode LED Driver with Analog-Controlled PWM Dimming
Rev 0; 1/08
logo
Lowpower Semiconductor ...
LP3350 POWER-LP3350 Datasheet
324Kb / 7P
   LED Driver with PWM Dimming Control
logo
Princeton Technology Co...
PT6989 PTC-PT6989 Datasheet
279Kb / 4P
   BUCK LED DRIVER WITH PWM DIMMING
logo
Megawin Technology Co.,...
MG20U201ASC1 MEGAWIN-MG20U201ASC1 Datasheet
247Kb / 10P
   PWM dimming control
logo
CINCON ELECTRONICS Corp...
PDM CINCON-PDM Datasheet
222Kb / 2P
   PWM Dimming Module
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com