データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM25141-Q1 データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM25141-Q1
部品情報  Wide Input Range Synchronous Buck Controller
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM25141-Q1 データシート(HTML) 8 Page - Texas Instruments

Back Button LM25141-Q1 Datasheet HTML 4Page - Texas Instruments LM25141-Q1 Datasheet HTML 5Page - Texas Instruments LM25141-Q1 Datasheet HTML 6Page - Texas Instruments LM25141-Q1 Datasheet HTML 7Page - Texas Instruments LM25141-Q1 Datasheet HTML 8Page - Texas Instruments LM25141-Q1 Datasheet HTML 9Page - Texas Instruments LM25141-Q1 Datasheet HTML 10Page - Texas Instruments LM25141-Q1 Datasheet HTML 11Page - Texas Instruments LM25141-Q1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
8
LM25141
SNVSAU1 – MARCH 2017
www.ti.com
Product Folder Links: LM25141
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
TJ = –40°C to +125°C, Typical values TJ = 25°C, VIN = 12 V, VCCX = 5 V, VOUT = 5 V, EN = 5 V, OSC = VDD, FSW = 2.2
MHz, no-load on the Drive Outputs (HO, HOL, LO, and LOL outputs), over operating free-air temperature range (unless
otherwise noted)
(1)(2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ENABLE INPUT
VIL
Enable input low threshold
VCCX = 0 V
0.8
V
VIH
Enable input high threshold
VCCX = 0 V
2.0
V
IIkg
Leakage
EN logic input only
1
µA
SYN INPUT (DEMB pin)
VIL
DEMB input low threshold
0.8
V
VIH
DEMB input high threshold
2.0
V
DEMB input low frequency range
440 kHz
350
550
kHz
DEMB input high frequency range
2.2 MHz
1800
2600
kHz
DITHER
IDITHER
Dither source/sink current
20
µA
VDITHER
Dither high threshold
1.26
V
Dither low threshold
1.14
V
SOFT-START
ISS
Soft-Start current
16
22
28
µA
RDS(ON)
Soft-Start pull-down resistance
3
Ω
THERMAL
TSD Thermal Shutdown
175
ºC
Thermal shutdown hysteresis
15
ºC
6.6 Switching Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Oscillator Frequency 2.2 MHz
OSC = VDDA, VIN = 8–18 V
2100
2200
2300
kHz
Oscillator Frequency 440 kHz
OSC = GND, VIN = 8–18 V
420
440
460
kHz
RT
Adjustment
Range
Minimum
OSC = VDD, RTMIN = 61.9 kΩ
1710
1800
1890
kHz
Typical
OSC = VDD, RTTYP = 49.9 kΩ
2100
2200
2300
kHz
2.2 MHz
Maximum
OSC = VDD, RTMAX = 43.2 kΩ
2405
2530
2655
kHz
RT
Adjustment
Range
Minimum
OSC = GND, RTMIN = 73.2 k
285
300
315
kHz
Typical
OSC = GND, RTTYP = 49.9 kΩ
420
440
460
kHz
440 kHz
Maximum
OSC = GND, RTMAX = 44.2 kΩ
475
500
525
kHz
RT
Response
time
RT= 61.9–43.2 k
2
µs
RT
Response
time
RT = 43.2–61.9 k
3.5
µs
RT
Response
time
16
µs
ton
Minimum on-time
45
66
ns
toff
Minimum off-time
100
ns


同様の部品番号 - LM25141-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM25141-Q1 TI1-LM25141-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
LM25141-Q1 TI-LM25141-Q1 Datasheet
2Mb / 49P
[Old version datasheet]   LM25149 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Integrated Active EMI Filter
LM25141-Q1 TI-LM25141-Q1 Datasheet
2Mb / 50P
[Old version datasheet]   LM25141-Q1 2.2-MHz, 42-V Synchronous Buck Controller With Low IQ
LM25141-Q1 TI-LM25141-Q1 Datasheet
5Mb / 53P
[Old version datasheet]   LM25148-Q1 42-V Automotive Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
LM25141-Q1 TI1-LM25141-Q1 Datasheet
5Mb / 67P
[Old version datasheet]   LM5148-Q1 80-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
More results

同様の説明 - LM25141-Q1

メーカー部品番号データシート部品情報
logo
Shenzhen Huazhimei Semi...
HM1485 HMSEMI-HM1485 Datasheet
788Kb / 10P
   Wide Input Range Synchronous Buck Controller
logo
Texas Instruments
LM34937 TI1-LM34937 Datasheet
722Kb / 31P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141-Q1 TI1-LM5141-Q1 Datasheet
2Mb / 42P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5141 TI1-LM5141 Datasheet
2Mb / 50P
[Old version datasheet]   Wide Input Range Synchronous Buck Controller
LM5140-Q1 TI1-LM5140-Q1 Datasheet
2Mb / 48P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5119 TI1-LM5119 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Dual Synchronous Buck Controller
LM5088 TI-LM5088_15 Datasheet
1Mb / 39P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
logo
National Semiconductor ...
LM5088 NSC-LM5088 Datasheet
545Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
LM25088 NSC-LM25088 Datasheet
541Kb / 26P
   Wide Input Range Non-Synchronous Buck Controller
logo
Texas Instruments
LM25088 TI1-LM25088_14 Datasheet
1Mb / 33P
[Old version datasheet]   Wide Input Range Non-Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com