データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

744045821 データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 744045821
部品情報  WE-LQ SMD Inductor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744045821 データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744045821_17 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744045821_17 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744045821_17 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744045821_17 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744045821_17 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 744045821_17 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Packaging Specification - Tape and Reel: [mm]
D0
P2
P0
A0
P1
T
T1
K0
T2
No Component
min. 160 mm
Components
No Component
min. 100 mm
Cover Tape
min. 400 mm
Carrier tape
End
Feeding direction
Start
Cover tape
top cover
tape
A0
B0
W
T
T1
T2
K0
P0
P1
P2
D0
E1
E2
F
Tape Type 2a
VPE / packaging unit
tolerance
typ. typ. +0,3
-0,1
typ. typ. typ. typ. ±0,1 ±0,1 ±0,5 +0,1
-0,0
+0,1
-0,0
min.
±0,05
pcs.
size
1812 3,70 4,80 12,00
0,25 0,10 3,35 3,00 4,00 8,00 2,00 1,50
1,75
10,25 5,50
Polystyrene
500
165° - 180°
Pull-of force
Tape width
12 mm
0,1 N - 1,3 N
B
C
W3
W2
W1
close to center
A
B
C
D
N
W1
W2
W3
W3
tolerance
±2,0
min.
±0,8
min.
min.
+1,5
max.
min.
max.
Tape width
12 mm
178,00
1,50
13,00
20,20
50,00
12,40
18,40
11,90
15,40
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
JRS
DIN ISO 2768-1m
DESCRIPTION
WE-LQ SMD Inductor
ORDER CODE
744045821
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
1812
004.000
Valid
2016-12-20
eiSos
3/6
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 744045821_17

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744045821 WURTH-744045821 Datasheet
119Kb / 3P
   SMD HF-CHOKE WE-LQ
More results

同様の説明 - 744045821_17

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
7440450039 WURTH-7440450039_17 Datasheet
382Kb / 6P
   WE-LQ SMD Inductor
744032003 WURTH-744032003_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744032680 WURTH-744032680_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744032100 WURTH-744032100_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744045008 WURTH-744045008_17 Datasheet
382Kb / 6P
   WE-LQ SMD Inductor
744045120 WURTH-744045120_17 Datasheet
381Kb / 6P
   WE-LQ SMD Inductor
7440320056 WURTH-7440320056_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744032001 WURTH-744032001_15 Datasheet
1Mb / 6P
   WE-LQ SMD Inductor
744045470 WURTH-744045470 Datasheet
481Kb / 6P
   WE-LQ SMT Power Inductor
002.004
744045820 WURTH-744045820 Datasheet
481Kb / 6P
   WE-LQ SMT Power Inductor
002.004
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com