データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74404300047 データシート(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

部品番号 74404300047
部品情報  WE-TPC SMD Shielded Tiny Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
ホームページ  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

74404300047 データシート(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  74404300047_17 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404300047_17 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404300047_17 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404300047_17 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 74404300047_17 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Dimensions: [mm]
Scale - 5:1
4,8 ±0,2
Marking
R47
Product Marking:
Recommended Land Pattern: [mm]
R
1,8
5,3
Scale - 5:1
Schematic:
Properties
Test conditions
Value
Unit
Tol.
Inductance
100 kHz/ 100 mV
L
0.47
µH
±30
Rated Current
ΔT = 30 K
IR
3.8
A
max.
Saturation Current
|ΔL/L| < 35 %
ISAT
5
A
typ.
DC Resistance
@ 20 °C
RDC
10
typ.
DC Resistance
@ 20 °C
RDC
16
max.
Self Resonant Frequency
fres
200
MHz
typ.
Electrical Properties:
It is recommended that the temperature of the component does not exceed +125°C under worst
case conditions
Ambient Temperature (refering to
IR)
-40 °C up to +95 °C
Operating Temperature
-40 °C up to +125 °C
Storage Temperature (in original
packaging)
-20°C up to +40°C, 75% RH max.
Test conditions of Electrical Properties: +20°C, 33% RH if not specified differently
General Properties:
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
PaDi
JRS
DIN ISO 2768-1m
DESCRIPTION
WE-TPC SMD Shielded Tiny Power
Inductor
ORDER CODE
74404300047
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
4828
006.005
Valid
2016-12-12
eiSos
1/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


同様の部品番号 - 74404300047_17

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
74404300047 WURTH-74404300047 Datasheet
138Kb / 3P
   Spezifikation f체r Freigabe / specification for release
More results

同様の説明 - 74404300047_17

メーカー部品番号データシート部品情報
logo
Wurth Elektronik GmbH &...
744042008 WURTH-744042008_17 Datasheet
263Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744062120 WURTH-744062120_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
7440690220 WURTH-7440690220_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
744042220 WURTH-744042220_17 Datasheet
260Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744031002 WURTH-744031002_17 Datasheet
260Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
7440690033 WURTH-7440690033_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
7440690150 WURTH-7440690150_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
744042221 WURTH-744042221_17 Datasheet
262Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744030002 WURTH-744030002_17 Datasheet
263Kb / 5P
   WE-TPC SMD Shielded Tiny Power Inductor
744065221 WURTH-744065221_15 Datasheet
1Mb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
7440430012 WURTH-7440430012 Datasheet
1,016Kb / 6P
   WE-TPC SMD Shielded Tiny Power Inductor
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com