データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM4919MM データシート(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 LM4919MM
部品情報  1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4919MM データシート(HTML) 1 Page - National Semiconductor (TI)

  LM4919MM Datasheet HTML 1Page - National Semiconductor (TI) LM4919MM Datasheet HTML 2Page - National Semiconductor (TI) LM4919MM Datasheet HTML 3Page - National Semiconductor (TI) LM4919MM Datasheet HTML 4Page - National Semiconductor (TI) LM4919MM Datasheet HTML 5Page - National Semiconductor (TI) LM4919MM Datasheet HTML 6Page - National Semiconductor (TI) LM4919MM Datasheet HTML 7Page - National Semiconductor (TI) LM4919MM Datasheet HTML 8Page - National Semiconductor (TI) LM4919MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
LM4919
1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone
Audio Amplifier
General Description
The unity gain stable LM4919 is both a mono-BTL audio
power amplifier and a Single Ended (SE) stereo headphone
amplifier. Operating on a single 1.5V supply, the mono BTL
mode delivers 85mW into an 8
Ω load at 1% THD+N. In
Single Ended stereo headphone mode, the amplifier delivers
14mW per channel into a 16
Ω load at 1% THD+N.
With the LM4919 packaged in the MM package, the cus-
tomer benefits include low profile and small size. This pack-
age minimizes PCB area and maximizes output power.
The LM4919 features circuitry that reduces output transients
("clicks" and "pops") during device turn-on and turn-off, an
externally controlled, low-power consumption, active-low
shutdown mode, and thermal shutdown. Boomer audio
power amplifiers are designed specifically to use few exter-
nal components and provide high quality output power in a
surface mount package.
Key Specifications
n
Mono-BTL output power
n
(R
L =8
Ω,V
DD = 1.5V, THD+N = 1%)
85mW (typ)
n
Stereo Headphone output power
n
(R
L =16
Ω,V
DD = 1.5V, THD+N = 1%)
14mW (typ)
n
Micropower shutdown current
0.02µA (typ)
n
Supply voltage operating range
0.9V < V
DD < 2.5V
n
PSRR 1kHz, V
DD = 1.5V, RL =16
72dB (typ)
Features
n
Single-cell 0.9V to 2.5V battery operation
n
BTL mode for mono speaker
n
Single ended headphone operation with coupling
capacitors
n
Unity-gain stable
n
"Click and pop" suppression circuitry
n
Active low micropower shutdown
n
Low current, active-low mute mode
n
Thermal shutdown protection circuitry
Applications
n
Portable one-cell audio products
n
Portable one-cell electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20082101
FIGURE 1. Block Diagram
May 2004
© 2004 National Semiconductor Corporation
DS200821
www.national.com


同様の部品番号 - LM4919MM

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
   Output Capacitor-less Stereo 35mW Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
   Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 26P
   Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
logo
Texas Instruments
LM49100 TI1-LM49100 Datasheet
4Mb / 33P
[Old version datasheet]   Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
LM49100GR/NOPB TI1-LM49100GR/NOPB Datasheet
4Mb / 33P
[Old version datasheet]   Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
More results

同様の説明 - LM4919MM

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM4916 NSC-LM4916 Datasheet
655Kb / 18P
   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4916 TI1-LM4916 Datasheet
1Mb / 24P
[Old version datasheet]   1.5V, Mono 85mW BTL Output, 14mW Stereo Headphone Audio Amplifier
logo
National Semiconductor ...
LM4914 NSC-LM4914 Datasheet
384Kb / 15P
   1W Monaural, 85mW Stereo Headphone Audio Amplifier
LM4854 NSC-LM4854 Datasheet
1Mb / 29P
   1.9W Monaural, 85mW Stereo Headphone Audio Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
TA8159FN TOSHIBA-TA8159FN Datasheet
459Kb / 12P
   1.5V STEREO HEADPHONE AMPLIFIER
TA8145FN TOSHIBA-TA8145FN Datasheet
312Kb / 8P
   STEREO HEADPHONE AMPLIFIER (1.5V USE)
logo
Integral Corp.
ILA7056SH INTEGRAL-ILA7056SH Datasheet
24Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
KODENSHI_AUK CORP.
KKA7056 KODENSHI-KKA7056 Datasheet
100Kb / 3P
   3 W Mono BTL Audio Output Amplifier
logo
NXP Semiconductors
TDA7056 PHILIPS-TDA7056 Datasheet
47Kb / 8P
   3 W mono BTL audio output amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com