データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OPTAN250H データシート(PDF) 1 Page - Aeroflex Circuit Technology

部品番号 OPTAN250H
部品情報  High Performance UVC LEDs for Instrumentation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AEROFLEX [Aeroflex Circuit Technology]
ホームページ  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

OPTAN250H データシート(HTML) 1 Page - Aeroflex Circuit Technology

  OPTAN250H Datasheet HTML 1Page - Aeroflex Circuit Technology OPTAN250H Datasheet HTML 2Page - Aeroflex Circuit Technology OPTAN250H Datasheet HTML 3Page - Aeroflex Circuit Technology OPTAN250H Datasheet HTML 4Page - Aeroflex Circuit Technology OPTAN250H Datasheet HTML 5Page - Aeroflex Circuit Technology OPTAN250H Datasheet HTML 6Page - Aeroflex Circuit Technology OPTAN250H Datasheet HTML 7Page - Aeroflex Circuit Technology OPTAN250H Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
High Performance UVC LEDs for Instrumentation
Optan UVC LEDs from Crystal IS offer industry leading light output, reliability, and spectral
quality in a TO-39 package. Available in peak wavelengths from 250 nm-280 nm and light output
bins from 0.5 mW-4 mW, these LEDs provide tremendous value for spectroscopic applications
in analytical and life sciences instrumentation.
Optan’s high light output provides unparalleled detection sensitivity while the excellent
spectral quality provides measurement linearity over a wider range. Optan offers best-in-
class reliability and lifetime for uninterrupted, continuous operation.
We achieve superior efficiency and reliability through proprietary technology by using low
defect aluminum nitride (AlN) substrates, and by epitaxial growth of crystal layers which
preserve the low defect densities of the substrate. The resulting product has a higher
light output and longer lifetime in the UVC spectrum than other commercially available LEDs.
Product designers can use the information in this document, in conjunction with the
Crystal IS thermal management note HS01, to start designing applications to meet your
unique specifications.
D ATA SHEET:
Features
> AVAILABLE IN PEAK WAVELENGTHS FROM 250 NM TO 280 NM
> INDUSTRY LEADING LIGHT OUTPUT AVAILABLE IN BINS FROM 0.5 mW TO 4 mW
> EXCELLENT SPECTRAL QUALITY
> TYPICAL LIFETIME OF 3000 HOURS AT MAXIMUM DRIVE CURRENT
> EXCEPTIONAL RELIABILITY
> VIEWING ANGLE OF 15°
> MAXIMUM DRIVE CURRENT OF 100 mA IN CONTINUOUS MODE
> HERMETICALLY SEALED LEDS
> RoHS-COMPLIANT


同様の部品番号 - OPTAN250H

メーカー部品番号データシート部品情報
logo
Aeroflex Circuit Techno...
OPTANSMD AEROFLEX-OPTANSMD Datasheet
665Kb / 5P
   WIDE RADIATION PATTERN WITH A VIEWING ANGLE OF 100
More results

同様の説明 - OPTAN250H

メーカー部品番号データシート部品情報
logo
Integrated Circuit Syst...
MN2200 ICST-MN2200 Datasheet
1,020Kb / 6P
   High-performance Instrumentation Amplifier
logo
API Technologies Corp
MN2200 APITECH-MN2200 Datasheet
1Mb / 6P
   High-performance Instrumentation Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
HSML-C197 AVAGO-HSML-C197 Datasheet
188Kb / 10P
   High Performance Chip LEDs
logo
Inolux Corporation
IN-C33DTDU1 INOLUX-IN-C33DTDU1 Datasheet
594Kb / 12P
   3535 UVC LED
logo
Everlight Electronics C...
94-22SUBC EVERLIGHT-94-22SUBC Datasheet
115Kb / 6P
   High Performance with Reflector LEDs
94-22SUBC-S400-XX-S2 EVERLIGHT-94-22SUBC-S400-XX-S2 Datasheet
111Kb / 6P
   High Performance with Reflector LEDs
94-22SURC-S530 EVERLIGHT-94-22SURC-S530 Datasheet
100Kb / 6P
   High Performance with Reflector LEDs
logo
HK TO-GRACE TECHNOLOGY ...
94-22SUB-S400-XX-S2 TO-GRACE-94-22SUB-S400-XX-S2 Datasheet
486Kb / 6P
   High Performance with Reflector LEDs
logo
Everlight Electronics C...
94-22UBC EVERLIGHT-94-22UBC Datasheet
98Kb / 6P
   High Performance with Reflector LEDs
94-22UYC EVERLIGHT-94-22UYC Datasheet
102Kb / 6P
   High Performance with Reflector LEDs
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com