データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-LNBH05 データシート(PDF) 1 Page - STMicroelectronics

部品番号 STEVAL-LNBH05
部品情報  Power supply evaluation board for LNB based on the LNBH26S
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-LNBH05 データシート(HTML) 1 Page - STMicroelectronics

  STEVAL-LNBH05 Datasheet HTML 1Page - STMicroelectronics STEVAL-LNBH05 Datasheet HTML 2Page - STMicroelectronics STEVAL-LNBH05 Datasheet HTML 3Page - STMicroelectronics STEVAL-LNBH05 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
September 2016
DocID029721 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-LNBH05
Power supply evaluation board for LNB based on the LNBH26S
Data brief
Features
Complete interface between LNB and I²C
bus
Built-in DC-DC converter for single 12 V
supply operation and high efficiency (typ.
93% @ 0.5 A)
Selectable output current limit by external
resistor
Compliant with the output voltage
specifications of principal satellite receivers
(15 programmable levels)
Accurate built-in 22 kHz tone generator suits
widely accepted standards
22 kHz tone waveform integrity guaranteed
also at no load condition
Low drop post regulator and high efficiency
step-up PWM with integrated power N-MOS
allowing low power losses
LPM function (low power mode) to reduce
dissipation
Overload and overtemperature internal
protection with I²C diagnostic bits
LNB short-circuit dynamic protection
±4 kV ESD tolerant on output power pins
RoHS compliant
Description
This evaluation board implements a DC-DC
converter based on the LNBH26S device. It is
used to power LNBs inside dish antennas to
receive satellite TV signals.
The LNBH26S is an integrated solution for
supplying and interfacing satellite LNB modules
in accordance with international standards. This
simple and complete solution for dual tuner
satellite receivers offers high performance at low
cost and low external component count.
The LNBH26S evaluation board includes an I²C
bus interface and the internal 22 kHz tone
generator which is factory trimmed and can be
controlled by the DSQIN pin (TTL compatible),
allowing immediate DiSEqC™ data encoding.
Thanks to a fully integrated step-up DC-DC
converter, it functions with a single input voltage
supply source ranging from 8 V to 16 V.


同様の部品番号 - STEVAL-LNBH05

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
STEVAL-LNBH04 STMICROELECTRONICS-STEVAL-LNBH04 Datasheet
254Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26LS
September 2016 Rev 1
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26S
September 2016 Rev 1
More results

同様の説明 - STEVAL-LNBH05

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26S
September 2016 Rev 1
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
STEVAL-LNBH04 STMICROELECTRONICS-STEVAL-LNBH04 Datasheet
254Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26LS
September 2016 Rev 1
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
   Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
   LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
   LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL006V1 STMICROELECTRONICS-STEVAL-CBL006V1 Datasheet
145Kb / 4P
   Demonstation board: power supply for LNB based on the LNBH24 (QFN32)
February 2009 Rev 1
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
   LNB power supply based on the LNBH23 supply
AN3352 STMICROELECTRONICS-AN3352 Datasheet
1Mb / 26P
   Dual LNB power supply based on the LNBH24L
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com