データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS150-37 データシート(PDF) 1 Page - Total Power International

部品番号 TPS150-37
部品情報  SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOTAL-POWER [Total Power International]
ホームページ  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS150-37 データシート(HTML) 1 Page - Total Power International

  TPS150-37 Datasheet HTML 1Page - Total Power International TPS150-37 Datasheet HTML 2Page - Total Power International TPS150-37 Datasheet HTML 3Page - Total Power International TPS150-37 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TPS150
SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
KEY FEATURES
*Universal input
*Built-in EMI filter
*Optional remote sense on main output
*Optional constant current charger
*Optional Power Good signal/Optional cover
*Optional±12VDC/±24VDC/±48VDC input
APPLICATIONS
*Telecommunications/Medical machines
*Computer peripherals/Business machines
*Test & industrial equipments
ELECTRICAL SPECIFICATIONS
INPUT
*Input range-----------90~264 VAC, auto ranging
*Frequency------------47~63Hz
*Inrush current--------40A typical, Cold start @25℃,115VAC
*Efficiency------------65%~85% typical at full load
*EMI filter------------ FCC Class B conducted, CISPR 22
Class B conducted, EN55022 class B
Conducted
*Line regulation----- +/- 0.5% typical
OUTPUT
*Maximum power----130W convection (Refer next page)
“Hold-up time --------10ms typical at full load and 115 VAC
nominal line
*Overload protection-Short circuit protection
*Overvoltage
protection ------------Main output 20% to 40% above
nominal output
*Ripple/Noise -------- +/- 1% Max. @full load
(Optional +/- 0.5% per inquiry)
180W
130W
80W
30W
65W
Power Derating Curve
0
10
20
30
40
50
60
70
Ambient Temperature( °°°° C)
Natural
Convection
Cooling
Output
Power
(Watts)
EMI & EMC
*FCC part 15, Class B
*CISPR 22 / EN55022, Class B
*VCCI ,Class 2
*CE,EN 61000-3-2 (Class A) (Optional) and –3;
EN 61000-4-2,-3,-4,-5,-6 and -11
SAFETY APPROVAL
*UL1950 / c UL
*Optional CSA 22.2, LEVEL 3 (COMPLY WITH)
*TUV EN60950
*Optional UL 2601 (EMI Class A)(COMPLY WITH)
ENVIRONMENTAL
*Operating temperature :
0 to
50℃ambient; derate each output at 2.5% per
degree from 50℃to 70℃
*Humidity:
Operating; non-condensing, 5% to 95%
*Vibration :
10~55 Hz at 1G 3 minutes period, 30 minutes along
X, Y and Z axis
*Storage temperature:
-40 to 85℃
*Temperature coefficient:
+/- 0.05% per degree C
*MTBF demonstrated:
>100,000 hours at full load and 25℃ambient
conditions
TOTAL POWER INT'L


同様の部品番号 - TPS150-37

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPS150-37 TOTAL-POWER-TPS150-37 Datasheet
266Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
More results

同様の説明 - TPS150-37

メーカー部品番号データシート部品情報
logo
Total Power Internation...
TPS150 TOTAL-POWER-TPS150 Datasheet
266Kb / 4P
   SWITCHING MODE 130W U CHANNEL POWER SUPPLIES
TPS-100 TOTAL-POWER-TPS-100 Datasheet
135Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS100 TOTAL-POWER-TPS100 Datasheet
130Kb / 4P
   SWITCHING MODE 90W U CHANNEL POWER SUPPLIES
TPS350 TOTAL-POWER-TPS350 Datasheet
1Mb / 4P
   SWITCHING MODE 350W U CHANNEL POWER SUPPLIES
logo
Astrodyne Corporation
PMK130 ASTRODYNE-PMK130 Datasheet
2Mb / 10P
   130W Open Frame and U-Channel Power Supplies with PFC
logo
Volgen Kaga Electronics...
SPU130-101 VOLGEN-SPU130-101 Datasheet
329Kb / 2P
   130W Desk Top Switching Power Supplies For I.T.E.
logo
MPS Industries, Inc.
MPU130 MPSIND-MPU130 Datasheet
261Kb / 2P
   130W Desk Top Switching Power Supplies For Medical Equipment
logo
Total Power Internation...
TPS180 TOTAL-POWER-TPS180 Datasheet
942Kb / 4P
   SWITCHING MODE 180W U CHANNEL POWER SUPPLY
TPS-350 TOTAL-POWER-TPS-350 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
TPS-300 TOTAL-POWER-TPS-300 Datasheet
1Mb / 4P
   TPS350 SWITCHING MODE 350W U CHANNEL POWER SUPPLY
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com