データシートサーチシステム |
|
744045120 データシート(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
|
744045120 データシート(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany. |
3 / 6 page Packaging Specification - Tape and Reel: [mm] D0 P2 P0 A0 P1 T T1 K0 T2 No Component min. 160 mm Components No Component min. 100 mm Cover Tape min. 400 mm Carrier tape End Feeding direction Start Cover tape top cover tape A0 B0 W T T1 T2 K0 P0 P1 P2 D0 E1 E2 F Tape Type 2a VPE / packaging unit tolerance typ. typ. +0,3 -0,1 typ. typ. typ. typ. ±0,1 ±0,1 ±0,5 +0,1 -0,0 +0,1 -0,0 min. ±0,05 pcs. size 1812 3,70 4,80 12,00 0,25 0,10 3,35 3,00 4,00 8,00 2,00 1,50 1,75 10,25 5,50 Polystyrene 500 165° - 180° Pull-of force Tape width 12 mm 0,1 N - 1,3 N B C W3 W2 W1 close to center A B C D N W1 W2 W3 W3 tolerance ±2,0 min. ±0,8 min. min. +1,5 max. min. max. Tape width 12 mm 178,00 1,50 13,00 20,20 50,00 12,40 18,40 11,90 15,40 Würth Elektronik eiSos GmbH & Co. KG EMC & Inductive Solutions Max-Eyth-Str. 1 74638 Waldenburg Germany Tel. +49 (0) 79 42 945 - 0 www.we-online.com eiSos@we-online.com CREATED CHECKED GENERAL TOLERANCE PROJECTION METHOD KaS JRS DIN ISO 2768-1m DESCRIPTION WE-LQ SMD Inductor ORDER CODE 744045120 SIZE REVISION STATUS DATE (YYYY-MM-DD) BUSINESS UNIT PAGE 1812 004.000 Valid 2016-12-20 eiSos 3/6 This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance. |
同様の部品番号 - 744045120_17 |
|
同様の説明 - 744045120_17 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |