データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADC08D1520WGMPR データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 ADC08D1520WGMPR
部品情報  Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08D1520WGMPR データシート(HTML) 9 Page - Texas Instruments

Back Button ADC08D1520WGMPR Datasheet HTML 5Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 6Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 7Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 8Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 9Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 10Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 11Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 12Page - Texas Instruments ADC08D1520WGMPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
ADC08D1520QML-SP
www.ti.com
SNAS420O – JANUARY 2008 – REVISED MARCH 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VA, VDR)
2.2V
Supply Difference
VDR - VA
0V to 100 mV
Voltage on Any Input Pin
−0.15V to (VA +0.15V)
Voltage on VIN
+, V
IN
-(Maintaining Common Mode)
−0.15V to 2.5V
Ground Difference
|GND - DR GND|
0V to 100 mV
Input Current at Any Pin(3)
±25 mA
Package Input Current(3)
±50 mA
Junction Temperature
≤ 175°C
ESD Susceptibility(4)
Human Body Model
Class 3A (6000V)
Storage Temperature
−65°C to +175°C
(1)
All voltages are measured with respect to GND = DR GND = 0V, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. There is no ensured specification of
operation at the Absolute Maximum Ratings. Operating Ratings indicate conditions for which the device is functional, but do not ensure
specific performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications
apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed
test conditions.
(3)
When the input voltage at any pin exceeds the power supply limits (that is, less than GND or greater than VA), the current at that pin
should be limited to 25 mA. The 50 mA maximum package input current rating limits the number of pins that can safely exceed the
power supplies with an input current of 25 mA to two. This limit is not placed upon the power, ground and digital output pins.
(4)
Human body model is 100 pF capacitor discharged through a 1.5 k
Ω resistor.
Operating Ratings
(1) (2)
Ambient Temperature Range
−55°C ≤ TA ≤ +125°C
VA/2 Tolerance for supply 1.9V
650mV
≥ VA/2 ≤ 1.2V
Supply Voltage (VA)
+1.8V to +2.0V
Driver Supply Voltage (VDR)
+1.8V to VA
VIN+, VIN- Voltage Range (Maintaining Common Mode)
0V to 2.15V
(100% duty cycle)
0V to 2.5V
(10% duty cycle)
Ground Difference
|GND - DR GND|
0V
CLK Pins Voltage Range
0V to VA
Differential CLK Amplitude
0.4VP-P to 2.0VP-P
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. There is no ensured specification of
operation at the Absolute Maximum Ratings. Operating Ratings indicate conditions for which the device is functional, but do not ensure
specific performance limits. For ensured specifications and test conditions, see the Electrical Characteristics. The ensured specifications
apply only for the test conditions listed. Some performance characteristics may degrade when the device is not operated under the listed
test conditions.
(2)
All voltages are measured with respect to GND = DR GND = 0V, unless otherwise specified.
Package Thermal Resistance
θJC
θJC
Package
θJA
Top of Package
Thermal Pad
128L CFP
11.5°C/ W
3.8°C/ W
2.0°C/ W
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC08D1520QML-SP


同様の部品番号 - ADC08D1520WGMPR

メーカー部品番号データシート部品情報
logo
Texas Instruments
ADC08D1520WGMPR TI-ADC08D1520WGMPR Datasheet
1Mb / 59P
[Old version datasheet]   ADC08D1520QML Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
More results

同様の説明 - ADC08D1520WGMPR

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
ADC08D1520QML NSC-ADC08D1520QML Datasheet
1Mb / 46P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520_09 Datasheet
847Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC08D1520 NSC-ADC08D1520 Datasheet
781Kb / 44P
   Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
Texas Instruments
ADC08D1520QML-SP TI-ADC08D1520QML-SP Datasheet
1Mb / 59P
[Old version datasheet]   ADC08D1520QML Low Power, 8-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC07D1520 TI1-ADC07D1520 Datasheet
758Kb / 53P
[Old version datasheet]   Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
ADC07D1520 TI1-ADC07D1520_12 Datasheet
732Kb / 52P
[Old version datasheet]   Low Power, 7-Bit, Dual 1.5 GSPS or Single 3.0 GSPS A/D Converter
logo
National Semiconductor ...
ADC08D1020 NSC-ADC08D1020 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_08 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
ADC08D1020 NSC-ADC08D1020_09 Datasheet
1Mb / 44P
   Low Power, 8-Bit, Dual 1.0 GSPS or Single 2.0 GSPS A/D Converter
logo
Texas Instruments
ADC10D1000 TI1-ADC10D1000 Datasheet
1Mb / 82P
[Old version datasheet]   Low Power, 10-Bit, Dual 1.0/1.5 GSPS or Single 2.0/3.0 GSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com