データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SiP12109DMP-T1-GE4 データシート(PDF) 6 Page - Vishay Siliconix

部品番号 SiP12109DMP-T1-GE4
部品情報  4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP12109DMP-T1-GE4 データシート(HTML) 6 Page - Vishay Siliconix

Back Button SiP12109DMP-T1-GE4 Datasheet HTML 2Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 3Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
SiP12109
www.vishay.com
Vishay Siliconix
S13-2479-Rev. A, 16-Dec-13
6
Document Number: 62694
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (VIN = 12 V, VOUT = 1.2 V, Fsw = 1 MHz, L0 = 1 μH, C0 = 3 x 22 μF, unless noted otherwise)
Fig. 4 - Efficiency vs. IOUT
Fig. 5 - Load Regulation vs. IOUT
Fig. 6 - Frequency Variation vs. IOUT
Fig. 7 - Steady-State, IOUT = 0 A
CH1 (BRN) = LX (5 V/div), CH3 (BLU) = VOUT (20 mV/div),
CH4 (GRN) = ICOIL (1 A/div), Time = 5 μs/div
Fig. 8 - Steady-State, IOUT = 4 A
CH1 (BRN) = LX (5 V/div), CH3 (BLU) = VOUT (20 mV/div),
CH4 (GRN) = ICOIL (1 A/div), Time = 1 μs/div
Fig. 9 - Load Step Undershoot Response, IOUT = 0 A to 4 A
CH3 (BLU) = VOUT (100 mV/div),
CH4 (GRN) = LX (5 V/div), Time = 10 μs/div
0
10
20
30
40
50
60
70
80
90
100
0
0.5
1
1.5
2
2.5
3
3.5
4
IOUT (A)
VOUT = 1.2 V
VOUT = 3.3 V
-1
- 0.8
- 0.6
- 0.4
- 0.2
0
0.2
0.4
0.6
0.8
1
0
0.5
1
1.5
2
2.5
3
3.5
4
IOUT (A)
VOUT =1.2 V
VOUT = 3.3 V
0
100
200
300
400
500
600
700
800
900
1000
0
0.5
1
1.5
2
2.5
3
3.5
4
IOUT (A)
VOUT = 3.3 V
VOUT =1.2 V
CH4
CH3
CH1
CH3
CH4
CH1
CH4
CH3


同様の部品番号 - SiP12109DMP-T1-GE4

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIP12109DMP-T1-GE4 VISHAY-SIP12109DMP-T1-GE4 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
More results

同様の説明 - SiP12109DMP-T1-GE4

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS56837 TI-TPS56837_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com