データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SiP12109DMP-T1-GE4 データシート(PDF) 4 Page - Vishay Siliconix

部品番号 SiP12109DMP-T1-GE4
部品情報  4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiP12109DMP-T1-GE4 データシート(HTML) 4 Page - Vishay Siliconix

  SiP12109DMP-T1-GE4 Datasheet HTML 1Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 2Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 3Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 4Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 5Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 6Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 7Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 8Page - Vishay Siliconix SiP12109DMP-T1-GE4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SiP12109
www.vishay.com
Vishay Siliconix
S13-2479-Rev. A, 16-Dec-13
4
Document Number: 62694
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
FUNCTIONAL BLOCK DIAGRAM
Fig. 2 - SiP12109 Functional Block Diagram
ON-TIME
GENERATOR
+
-
PWM
COMPARATOR
SOFT
START
0.6V
REFERENCE
AGND
PGOOD
VCC
EN
VFB
VIN
LX
PGND
VIN
VCC
ANTI-
XCOND
CONTROL
ZCD
+
-
0.72V
OV Comparator
CONTROL
LOGIC
SECTION
OCP
UVLO
OTP
COMP
OTA
+
-
+
Isense
I-V
Converter
Isense
RON
+
-
0.45V
VFB
UV Comparator
Current
Mirror
5V
Regulator
VCC
5uA
SS
VCC
LX
LX
PGND
BOOT
PAD


同様の部品番号 - SiP12109DMP-T1-GE4

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIP12109DMP-T1-GE4 VISHAY-SIP12109DMP-T1-GE4 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
More results

同様の説明 - SiP12109DMP-T1-GE4

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
logo
Texas Instruments
TPS56637 TI1-TPS56637_19 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637_1904 TI1-TPS56637_1904 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637 Datasheet
858Kb / 27P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS56637 TI1-TPS56637_18 Datasheet
1Mb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 6-A Synchronous Buck Converter
TPS564208 TI1-TPS564208 Datasheet
1Mb / 24P
[Old version datasheet]   4.5-V to 17-V Input, 4-A Synchronous Step-Down Voltage Regulator
TPS56837 TI-TPS56837_V01 Datasheet
1Mb / 32P
[Old version datasheet]   TPS56837 4.5-V to 28-V Input, 8-A Synchronous Buck Converter
REVISED OCTOBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com