データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STEVAL-MKI155V3 データシート(PDF) 1 Page - STMicroelectronics

部品番号 STEVAL-MKI155V3
部品情報  120 dBSPL acoustic overload point
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-MKI155V3 データシート(HTML) 1 Page - STMicroelectronics

  STEVAL-MKI155V3 Datasheet HTML 1Page - STMicroelectronics STEVAL-MKI155V3 Datasheet HTML 2Page - STMicroelectronics STEVAL-MKI155V3 Datasheet HTML 3Page - STMicroelectronics STEVAL-MKI155V3 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
STEVAL-MKI155V3
Microphone coupon board based on the MP34DT01-M digital
MEMS microphone
Data brief
Features
4xMP34DT01-M top port digital MEMS
microphones
Functions as a daughterboard for use with
STEVAL-MKI126Vx kit
V supply from 1.64 to 3.6 V
120 dBSPL acoustic overload point
Omnidirectional sensitivity
PDM single-bit output
61 dB of SNR
Sensitivity -26 dBFS
RoHS compliant
Description
The STEVAL-MKI155V3 board is a
daughterboard to be used with the STEVAL-
MKI126Vx (Smart Voice) kit, containing 4
MP34DT01-M digital MEMS microphones.
The coupon concept allows easy performance
testing of ST MEMS microphones. When
connected to the Smart Voice board, it is possible
to detach the single PCBs hosting each
microphone.
October 2014
DocID027075 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com


同様の部品番号 - STEVAL-MKI155V3

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-MKI155V1 STMICROELECTRONICS-STEVAL-MKI155V1 Datasheet
208Kb / 4P
   Omnidirectional sensitivity
February 2015 Rev 2
STEVAL-MKI155V2 STMICROELECTRONICS-STEVAL-MKI155V2 Datasheet
227Kb / 4P
   120 dBSPL acoustic overload point
February 2015 Rev 2
More results

同様の説明 - STEVAL-MKI155V3

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STEVAL-MKI155V2 STMICROELECTRONICS-STEVAL-MKI155V2 Datasheet
227Kb / 4P
   120 dBSPL acoustic overload point
February 2015 Rev 2
logo
List of Unclassifed Man...
SL7-AP24-E ETC2-SL7-AP24-E Datasheet
236Kb / 3P
   Acoustic device
SL7-AP24-M ETC2-SL7-AP24-M Datasheet
426Kb / 3P
   Acoustic device,
AB6-24DC ETC2-AB6-24DC Datasheet
3Mb / 1P
   Acoustic Signals
SL7-AP24 ETC2-SL7-AP24 Datasheet
269Kb / 3P
   Acoustic device,
logo
Molex Electronics Ltd.
37047-0001 MOLEX-37047-0001 Datasheet
275Kb / 2P
   Thermal Acoustic Products
logo
Schneider Electric
LRD4367 SCHNEIDER-LRD4367 Datasheet
145Kb / 3P
   TeSys LRD thermal overload relays - 95...120 A - class 10A
logo
Analog Devices
HMC442 AD-HMC442 Datasheet
371Kb / 6P
   Point-to-Point and Point-to-Multi-Point Radios
logo
Micross Components
HMC521 MICROSS-HMC521 Datasheet
883Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
HMC525 MICROSS-HMC525 Datasheet
886Kb / 9P
   Point-to-Point and Point-to-Multi-Point Radio
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com