データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM3715CBP100 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 AM3715CBP100
部品情報  Sitara ARM Microprocessors
Download  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

AM3715CBP100 データシート(HTML) 1 Page - Texas Instruments

  AM3715CBP100 Datasheet HTML 1Page - Texas Instruments AM3715CBP100 Datasheet HTML 2Page - Texas Instruments AM3715CBP100 Datasheet HTML 3Page - Texas Instruments AM3715CBP100 Datasheet HTML 4Page - Texas Instruments AM3715CBP100 Datasheet HTML 5Page - Texas Instruments AM3715CBP100 Datasheet HTML 6Page - Texas Instruments AM3715CBP100 Datasheet HTML 7Page - Texas Instruments AM3715CBP100 Datasheet HTML 8Page - Texas Instruments AM3715CBP100 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 280 page
background image
AM3715, AM3703
www.ti.com
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
AM3715, AM3703
Sitara ARM Microprocessors
Check for Samples: AM3715, AM3703
1
AM3715, AM3703 Sitara ARM Microprocessors
1.1
Features
123456
Pseudo-SRAM
• AM3715/03 Sitara ARM Microprocessors:
– Flexible Asynchronous Protocol
– Compatible with OMAP™ 3 Architecture
Control for Interface to Custom Logic
– Sitara™ ARM® Microprocessor (MPU)
(FPGA, CPLD, ASICs, etc.)
Subsystem
– Nonmultiplexed Address/Data Mode
Up to 1-GHz Sitara
™ ARM® Cortex™-A8
(Limited 2K-Byte Address Space)
Core
– 1.8-V I/O and 3.0-V (MMC1 only),
Also supports 300, 600, and 800-MHz
0.9-V to 1.2-V Adaptive Processor Core
operation
Voltage
NEON
™ SIMD Coprocessor
0.9-V to 1.1-V Adaptive Core Logic Voltage
– POWERVR SGX™ Graphics Accelerator
Note: These are default Operating
(AM3715 only)
Performance Point (OPP) voltages and could
Tile Based Architecture Delivering up to
be optimized to lower values using
20 MPoly/sec
SmartReflex AVS.
Universal Scalable Shader Engine:
– Commercial, Industrial, and Extended
Multi-threaded Engine Incorporating Pixel
Temperature Grades
and Vertex Shader Functionality
– Serial Communication
Industry Standard API Support:
5 Multichannel Buffered Serial Ports
OpenGLES 1.1 and 2.0, OpenVG1.0
(McBSPs)
Fine Grained Task Switching, Load
– 512 Byte Transmit/Receive Buffer
Balancing, and Power Management
(McBSP1/3/4/5)
Programmable High Quality Image
– 5K-Byte Transmit/Receive Buffer
Anti-Aliasing
(McBSP2)
– External Memory Interfaces:
– SIDETONE Core Support (McBSP2 and
SDRAM Controller (SDRC)
3 Only) For Filter, Gain, and Mix
– 16, 32-bit Memory Controller With
Operations
1G-Byte Total Address Space
– Direct Interface to I2S and PCM Device
– Interfaces to Low-Power SDRAM
and T Buses
– SDRAM Memory Scheduler (SMS) and
– 128 Channel Transmit/Receive Mode
Rotation Engine
Four Master/Slave Multichannel Serial
General Purpose Memory Controller
Port Interface (McSPI) Ports
(GPMC)
High-Speed/Full-Speed/Low-Speed USB
– 16-bit Wide Multiplexed Address/Data
OTG Subsystem (12-/8-Pin ULPI Interface)
Bus
High-Speed/Full-Speed/Low-Speed
– Up to 8 Chip Select Pins With
Multiport USB Host Subsystem
128M-Byte Address Space per Chip
– 12-/8-Pin ULPI Interface or 6-/4-/3-Pin
Select Pin
Serial Interface
– Glueless Interface to NOR Flash,
One HDQ/1-Wire Interface
NAND Flash (With ECC Hamming
Four UARTs (One with Infrared Data
Code Calculation), SRAM and
Association [IrDA] and Consumer Infrared
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
POWERVR SGX is a trademark of Imagination Technologies Ltd.
3
OMAP, Sitara are trademarks of Texas Instruments.
4
Cortex, NEON are trademarks of ARM Limited.
5
ARM is a registered trademark of ARM Ltd.
6
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - AM3715CBP100

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM3715CBP100 TI-AM3715CBP100 Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
More results

同様の説明 - AM3715CBP100

メーカー部品番号データシート部品情報
logo
Texas Instruments
AM3894 TI1-AM3894_15 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3703 TI1-AM3703 Datasheet
3Mb / 280P
[Old version datasheet]   AM3715, AM3703 Sitara ARM Microprocessors
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3517 TI1-AM3517_12 Datasheet
1Mb / 222P
[Old version datasheet]   ARM Microprocessors
AM3517 TI1-AM3517_14 Datasheet
1Mb / 223P
[Old version datasheet]   ARM Microprocessors
AM3874 TI1-AM3874_16 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com