データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPS1L60-Y データシート(PDF) 1 Page - STMicroelectronics

部品番号 STPS1L60-Y
部品情報  Automotive low drop power Schottky rectifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L60-Y データシート(HTML) 1 Page - STMicroelectronics

  STPS1L60-Y Datasheet HTML 1Page - STMicroelectronics STPS1L60-Y Datasheet HTML 2Page - STMicroelectronics STPS1L60-Y Datasheet HTML 3Page - STMicroelectronics STPS1L60-Y Datasheet HTML 4Page - STMicroelectronics STPS1L60-Y Datasheet HTML 5Page - STMicroelectronics STPS1L60-Y Datasheet HTML 6Page - STMicroelectronics STPS1L60-Y Datasheet HTML 7Page - STMicroelectronics STPS1L60-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
October 2016
DocID029438 Rev 2
1/8
This is information on a product in full production.
www.st.com
STPS1L60-Y
Automotive low drop power Schottky rectifier
Datasheet - production data
Features
AEC-Q101 qualified
Very small conduction losses
Negligible switching losses
Low forward voltage drop
Surface mount miniature packages
Avalanche capability specified
PPAP capable
Description
Single chip Schottky rectifiers suited to switched
mode power supplies and high frequency DC to
DC converters.
Packaged in SOD123Flat, this device is
especially intended for surface mounting and
used in low voltage, high frequency inverters,
free-wheeling and polarity protection in
automotive applications.
Table 1: Device summary
Symbol
Value
IF(AV)
1 A
VRRM
60 V
VF (typ.)
0.50 V
Tj (max.)
175 °C
K
A
SOD123Flat
A
K


同様の部品番号 - STPS1L60-Y

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
65Kb / 6P
   POWER SCHOTTKY RECTIFIER
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
73Kb / 6P
   POWER SCHOTTKY RECTIFIER
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
952Kb / 34P
   Digital constant-current controller
STPS1L60 STMICROELECTRONICS-STPS1L60 Datasheet
127Kb / 10P
   Power Schottky rectifier
STPS1L60A STMICROELECTRONICS-STPS1L60A Datasheet
65Kb / 6P
   POWER SCHOTTKY RECTIFIER
More results

同様の説明 - STPS1L60-Y

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPS2L60ZFY STMICROELECTRONICS-STPS2L60ZFY Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 2
STPS41H100C-Y STMICROELECTRONICS-STPS41H100C-Y Datasheet
109Kb / 7P
   Automotive low drop power Schottky rectifier
STPS1L40AY STMICROELECTRONICS-STPS1L40AY Datasheet
113Kb / 9P
   Automotive low drop power Schottky rectifier
STPS8L30-Y STMICROELECTRONICS-STPS8L30-Y Datasheet
130Kb / 8P
   Automotive low drop power Schottky rectifier
July 2013 Rev 1
STPS2L40ZFY STMICROELECTRONICS-STPS2L40ZFY Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 1
STPS15L45C-Y STMICROELECTRONICS-STPS15L45C-Y Datasheet
218Kb / 8P
   Automotive low drop power Schottky rectifier
July 2015 Rev 2
STPS1L40-Y STMICROELECTRONICS-STPS1L40-Y Datasheet
113Kb / 9P
   Automotive low drop power Schottky rectifier
STPS61H100-Y STMICROELECTRONICS-STPS61H100-Y Datasheet
208Kb / 9P
   Automotive 100 V low drop power Schottky rectifier
July 2019 Rev 1
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com