データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPSC10H12-Y データシート(PDF) 5 Page - STMicroelectronics

部品番号 STPSC10H12-Y
部品情報  Automotive grade 1200 V power Schottky silicon carbide diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC10H12-Y データシート(HTML) 5 Page - STMicroelectronics

  STPSC10H12-Y Datasheet HTML 1Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 2Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 3Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 4Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 5Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 6Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 7Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 8Page - STMicroelectronics STPSC10H12-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STPSC10H12-Y
Package information
DocID029346 Rev 2
5/10
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Epoxy meets UL94, V0
Cooling method: by conduction (C)
Recommended torque value: 0.55 N·m
Maximum torque value: 0.7 N·m
2.1
TO-220AC rectifier package information
Figure 9: TO-220AC package outline


同様の部品番号 - STPSC10H12-Y

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPSC10H12 STMICROELECTRONICS-STPSC10H12 Datasheet
438Kb / 8P
   1200 V power Schottky silicon carbide diode
STPSC10H12B2-TR STMICROELECTRONICS-STPSC10H12B2-TR Datasheet
224Kb / 11P
   1200 V, 10 A, silicon carbide power Schottky diode
- Rev 1 - August 2020
STPSC10H12C STMICROELECTRONICS-STPSC10H12C Datasheet
432Kb / 10P
   1200 V power Schottky silicon carbide diode
February 2017 Rev 1
STPSC10H12CWL STMICROELECTRONICS-STPSC10H12CWL Datasheet
432Kb / 10P
   1200 V power Schottky silicon carbide diode
February 2017 Rev 1
STPSC10H12D STMICROELECTRONICS-STPSC10H12D Datasheet
438Kb / 8P
   1200 V power Schottky silicon carbide diode
More results

同様の説明 - STPSC10H12-Y

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPSC6H12 STMICROELECTRONICS-STPSC6H12 Datasheet
267Kb / 8P
   1200 V power Schottky silicon carbide diode
September 2016 Rev 5
STPSC2H12 STMICROELECTRONICS-STPSC2H12 Datasheet
468Kb / 10P
   1200 V power Schottky silicon carbide diode
January 2017 Rev 1
STPSC10H12 STMICROELECTRONICS-STPSC10H12 Datasheet
438Kb / 8P
   1200 V power Schottky silicon carbide diode
STPSC5H12 STMICROELECTRONICS-STPSC5H12 Datasheet
469Kb / 10P
   1200 V power Schottky silicon carbide diode
January 2017 Rev 1
STPSC10H12C STMICROELECTRONICS-STPSC10H12C Datasheet
432Kb / 10P
   1200 V power Schottky silicon carbide diode
February 2017 Rev 1
STPSC15H12 STMICROELECTRONICS-STPSC15H12 Datasheet
435Kb / 8P
   1200 V power Schottky silicon carbide diode
STPSC20H12 STMICROELECTRONICS-STPSC20H12 Datasheet
436Kb / 8P
   1200 V power Schottky silicon carbide diode
May 2016 Rev 2
STPSC10H12G2Y-TR STMICROELECTRONICS-STPSC10H12G2Y-TR Datasheet
378Kb / 11P
   Automotive 1200 V, 10 A, silicon carbide power Schottky diode
Rev 1 - August 2020
STPSC15H12G2Y-TR STMICROELECTRONICS-STPSC15H12G2Y-TR Datasheet
379Kb / 11P
   Automotive 1200 V, 15 A, silicon carbide power Schottky diode
Rev 1 - September 2020
STPSC40H12C-Y STMICROELECTRONICS-STPSC40H12C-Y Datasheet
257Kb / 10P
   40 A 1200 V power Schottky silicon carbide diode
Rev 1 - January 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com