データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STPTIC-39G2 データシート(PDF) 3 Page - STMicroelectronics

部品番号 STPTIC-39G2
部品情報  High linearity
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-39G2 データシート(HTML) 3 Page - STMicroelectronics

  STPTIC-39G2 Datasheet HTML 1Page - STMicroelectronics STPTIC-39G2 Datasheet HTML 2Page - STMicroelectronics STPTIC-39G2 Datasheet HTML 3Page - STMicroelectronics STPTIC-39G2 Datasheet HTML 4Page - STMicroelectronics STPTIC-39G2 Datasheet HTML 5Page - STMicroelectronics STPTIC-39G2 Datasheet HTML 6Page - STMicroelectronics STPTIC-39G2 Datasheet HTML 7Page - STMicroelectronics STPTIC-39G2 Datasheet HTML 8Page - STMicroelectronics STPTIC-39G2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DocID028099 Rev 1
3/11
STPTIC-39G2
Electrical characteristics
11
Table 3. Representative performance (Tamb = 25 °C otherwise specified)
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
C1V
capacitor at 1 V bias
STPTIC-39G2
3.96
4.5
5.04
pF
C2V
capacitor at 2 V bias
STPTIC-39G2
3.9
pF
C24V
capacitor at 24 V bias
STPTIC-39G2
0.72 0.78 0.84
pF
ΔC
Tuning range
Ratio between C1V/C24V(1)
5/1
IL
Leakage current
Measured with Vbias = 24 V
100
nA
QLB
Quality factor
Measured at 700 MHz at 2 V
55
65
QHB
Quality factor
Measured at 2700 MHz at 2 V
35
50
IP3
Third order intercept point
Vbias = 1 V(2)(4)
52
60
dBm
Vbias = 24 V(2)(4)
75
H2
Second harmonic
Vbias = 1 V(3)(4)
-65
-45
dBm
Vbias = 24 V
(3)(4)
-75
H3
Third harmonic
Vbias = 1 V
(3)(4)
-35
-30
dBm
Vbias = 24 V(3)(4)
-65
tT
Transition time
Average for any transition between Cmin to Cmax(5)
40
µs
Average transition between Cmax to Cmin
(5)
20
1. Measured at low frequency
2. F1 = 894 MHz, F2 = 849 MHz, P1 = +25 dBm, P2 = +25 dBm, 2f1 - f2 = 939 MHz
3. 850 MHz, Pin = +34 dBm
4. IP3 and harmonics are measured in the shunt configuration in a 50
environment
5. One or both of RFin and RFout must be connected to DC ground, using the HVDAC turbo mode


同様の部品番号 - STPTIC-39G2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STPTIC-39G2C5 STMICROELECTRONICS-STPTIC-39G2C5 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
STPTIC-39G2H5 STMICROELECTRONICS-STPTIC-39G2H5 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
STPTIC-39G2M6 STMICROELECTRONICS-STPTIC-39G2M6 Datasheet
264Kb / 10P
   Parascan tunable integrated capacitor
December 2015 Rev 1
More results

同様の説明 - STPTIC-39G2

メーカー部品番号データシート部品情報
logo
MORNSUN Science& Techno...
TW147HL MORNSUN-TW147HL Datasheet
762Kb / 5P
   High linearity
logo
RFHIC
ACQ629 RFHIC-ACQ629 Datasheet
1Mb / 6P
   High linearity
logo
STMicroelectronics
STPTIC-15G2 STMICROELECTRONICS-STPTIC-15G2 Datasheet
473Kb / 11P
   High linearity
July 2015 Rev 2
STPTIC-27G2 STMICROELECTRONICS-STPTIC-27G2 Datasheet
472Kb / 11P
   High linearity
July 2015 Rev 1
logo
ANADIGICS, Inc
AWS5534 ANADIGICS-AWS5534 Datasheet
204Kb / 12P
   High Linearity SP3T
logo
Analog Devices
ADL5723 AD-ADL5723 Datasheet
388Kb / 13P
   High linearity input
logo
NXP Semiconductors
MMG20271H9 NXP-MMG20271H9 Datasheet
784Kb / 18P
   High Linearity Amplifier
Rev. 1, 9/2014
MMG15241H NXP-MMG15241H Datasheet
666Kb / 18P
   High Linearity Amplifier
Rev. 2, 9/2014
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Qorvo, Inc
RFCA8828 QORVO-RFCA8828 Datasheet
2Mb / 16P
   High Linearity, Push-Pull Amplifier High Linearity, Push-Pull Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com