データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BCW68F データシート(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

部品番号 BCW68F
部品情報  PNP General Purpose Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BILIN [Galaxy Semi-Conductor Holdings Limited]
ホームページ  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BCW68F データシート(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  BCW68F Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BCW68F Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BCW68F Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited BCW68F Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
PNP General Purpose Amplifier
BCW67/BCW68
C161
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=-10μA IE=0
BCW67
BCW68
-45
-60
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-10mA IB=0
BCW67
BCW68
-32
-45
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-10μA IC=0
-5
V
Collector cut-off current
ICBO
VCB=-32V IE=0
BCW67
VCB=-45V IE=0
BCW68
-20
-20
nA
Emitter cut-off current
IEBO
VEB=-4V IC=0
-20
nA
DC current gain
A/F
B/G
C/H
hFE
VCE=-10V IC=-0.1mA
35
50
80
DC current gain
A/F
B/G
C/H
hFE
VCE=-1V IC=-10mA
75
120
180
DC current gain
A/F
B/G
C/H
hFE
VCE=-1V IC=-100mA
100
160
250
160
250
350
250
400
630
DC current gain
A/F
B/G
C/H
hFE
VCE=-2V IC=-500mA
35
60
100
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA IB=-10mA
IC=-500mA IB=-50mA
-0.3
-0.7
V
Base-emitter saturation voltage
VBE(sat)
IC=-100mA IB=-10mA
IC=-500mA IB=-50mA
-1.25
-2
V
V
Transition frequency
fT
VCE=-5V IC=-50mA
f=20MHz
200
MHz


同様の部品番号 - BCW68F

メーカー部品番号データシート部品情報
logo
Zetex Semiconductors
BCW68F ZETEX-BCW68F Datasheet
39Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
BCW68F KEXIN-BCW68F Datasheet
1Mb / 3P
   PNP Transistors
logo
Siemens Semiconductor G...
BCW68F SIEMENS-BCW68F Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Central Semiconductor C...
BCW68F CENTRAL-BCW68F Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Infineon Technologies A...
BCW68F INFINEON-BCW68F Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
More results

同様の説明 - BCW68F

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
2N4125 FAIRCHILD-2N4125 Datasheet
23Kb / 2P
   PNP General Purpose Amplifier
logo
Micro Commercial Compon...
MMBT2907A MCC-MMBT2907A Datasheet
89Kb / 3P
   PNP General Purpose Amplifier
logo
Fairchild Semiconductor
BC214L FAIRCHILD-BC214L Datasheet
27Kb / 4P
   PNP General Purpose Amplifier
logo
Unisonic Technologies
MMBT4403 UTC-MMBT4403 Datasheet
137Kb / 5P
   PNP GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906_01 Datasheet
98Kb / 6P
   PNP General Purpose Amplifier
2N4402 FAIRCHILD-2N4402_01 Datasheet
68Kb / 7P
   PNP General Purpose Amplifier
BCW30 FAIRCHILD-BCW30_02 Datasheet
46Kb / 3P
   PNP General Purpose Amplifier
MPS6534 FAIRCHILD-MPS6534_01 Datasheet
294Kb / 7P
   PNP General Purpose Amplifier
MPS6562 FAIRCHILD-MPS6562_07 Datasheet
295Kb / 7P
   PNP General Purpose Amplifier
BCW89 FAIRCHILD-BCW89 Datasheet
77Kb / 3P
   PNP General Purpose Amplifier
logo
Galaxy Semi-Conductor H...
BC807 BILIN-BC807 Datasheet
193Kb / 5P
   PNP General Purpose Amplifier
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com