データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD35P6LLF6 データシート(PDF) 6 Page - STMicroelectronics

部品番号 STD35P6LLF6
部品情報  P-channel 60 V, 0.025typ., 35 A STripFET??F6 Power MOSFET in a DPAK package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD35P6LLF6 データシート(HTML) 6 Page - STMicroelectronics

Back Button STD35P6LLF6 Datasheet HTML 2Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 3Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 4Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 5Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 6Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 7Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 8Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 9Page - STMicroelectronics STD35P6LLF6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STD35P6LLF6
6/16
DocID025600 Rev 3
2.1
Electrical characteristics (curves)
Figure 2: Safe operating area
Figure 3: Thermal impedance
Figure 4: Output characteristics
Figure 5: Transfer characteristics
Figure 6: Normalized gate threshold voltage vs
temperature
Figure 7: Normalized V(BR)DSS vs temperature


同様の部品番号 - STD35P6LLF6

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
STD35P6LLF6 VBSEMI-STD35P6LLF6 Datasheet
971Kb / 7P
   P-Channel 60 V (D-S) MOSFET
logo
Guangdong Youtai Semico...
STD35P6LLF6 UMW-STD35P6LLF6 Datasheet
934Kb / 5P
   -60V P-Channel MOSFET
More results

同様の説明 - STD35P6LLF6

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD46P4LLF6 STMICROELECTRONICS-STD46P4LLF6 Datasheet
899Kb / 16P
   P-channel 40 V, 0.0125 廓 typ., StripFET??F6 Power MOSFET in a DPAK package
ecember 2014 Rev 3
STD36P4LLF6 STMICROELECTRONICS-STD36P4LLF6 Datasheet
450Kb / 16P
   P-channel 40 V, 0.0175 廓 typ.,36 A, STripFET??F6 Power MOSFET in a DPAK package
March 2015 Rev 2
STL60P4LLF6 STMICROELECTRONICS-STL60P4LLF6 Datasheet
886Kb / 14P
   P-channel 40 V, 0.0115 廓 typ.,60 A STripFET??F6 Power MOSFET in a PowerFLAT??5x6 package
December 2014 Rev 2
STD30N6LF6AG STMICROELECTRONICS-STD30N6LF6AG Datasheet
447Kb / 15P
   Automotive-grade N-channel 60 V, 19 m廓 typ., 24 A STripFET??F6 Power MOSFET in a DPAK package
June 2015 Rev 1
STD10P10F6 STMICROELECTRONICS-STD10P10F6_V01 Datasheet
403Kb / 16P
   P-channel -100 V, 0.36 Ω typ., -10 A STripFET F6 Power MOSFET in a DPAK package
Rev 3 - April 2022
STD180N4F6 STMICROELECTRONICS-STD180N4F6 Datasheet
775Kb / 16P
   N-channel 40 V, 2.5 m廓 typ., 80 A STripFET??F6 Power MOSFET in a DPAK package
July 2016 Rev 2
STL42PLLF6 STMICROELECTRONICS-STL42PLLF6 Datasheet
935Kb / 16P
   P-channel -60 V, 23 m廓 typ., -42 A STripFET??F6 Power MOSFET in a PowerFLAT??5x6 package
November 2016 Rev 4
STD45P4LLFAG STMICROELECTRONICS-STD45P4LLFAG Datasheet
603Kb / 16P
   Automotive-grade P-channel -40 V, 12 m廓 typ., -50 A STripFET??F6 Power MOSFET in a DPAK package
July 2015 Rev 2
STP90N6F6 STMICROELECTRONICS-STP90N6F6 Datasheet
380Kb / 13P
   N-channel 60 V, 0.0057 廓 typ., 90 A STripFET??F6 Power MOSFET in a TO-220 package
March 2015 Rev 3
STD46N6F7 STMICROELECTRONICS-STD46N6F7 Datasheet
770Kb / 14P
   N-channel 60 V, 0.012 廓 typ., 15 A STripFET??F7 Power MOSFET in a DPAK package
January 2016 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com