データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STF10N105K5 データシート(PDF) 3 Page - STMicroelectronics

部品番号 STF10N105K5
部品情報  Ultra low gate charge
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF10N105K5 データシート(HTML) 3 Page - STMicroelectronics

  STF10N105K5 Datasheet HTML 1Page - STMicroelectronics STF10N105K5 Datasheet HTML 2Page - STMicroelectronics STF10N105K5 Datasheet HTML 3Page - STMicroelectronics STF10N105K5 Datasheet HTML 4Page - STMicroelectronics STF10N105K5 Datasheet HTML 5Page - STMicroelectronics STF10N105K5 Datasheet HTML 6Page - STMicroelectronics STF10N105K5 Datasheet HTML 7Page - STMicroelectronics STF10N105K5 Datasheet HTML 8Page - STMicroelectronics STF10N105K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STF10N105K5, STP10N105K5, STW10N105K5
Electrical ratings
DocID026932 Rev 2
3/18
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220
TO-247
TO-220FP
VGS
Gate- source voltage
30
V
ID
Drain current (continuous) at TC = 25 °C
6
A
ID
Drain current (continuous) at TC = 100 °C
3.78
A
IDM
(1)
Drain current (pulsed)
24
A
PTOT
Total dissipation at TC = 25 °C
130
30
W
IAR
Max. current during repetitive or single pulse
avalanche
2
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAS, VDD = 50 V)
140
mJ
dv/dt
(2)
Peak diode recovery voltage slope
4.5
V/ns
dv/dt
(3)
MOSFET dv/dt ruggedness
50
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heatsink (t = 1 s;
TC = 25 ° C)
2500
V
Tj
Tstg
Operating junction temperature
Storage temperature
-55 to 150
°C
Notes:
(1)
Pulse width limited by safe operating area.
(2)
ISD ≤ 6 A, di/dt ≤ 100 A/µs, Vpeak ≤ V(BR)DSS.
(3)
VSD ≤ 840.
Table 3: Thermal data
Symbol
Parameter
Value
Unit
TO-220
TO-247
TO-220FP
Rthj-case
Thermal resistance junction-case max.
0.96
°C/W
Thermal resistance junction-case max.
4.2
Rthj-amb
Thermal resistance junction-ambient max.
62.50
°C/W


同様の部品番号 - STF10N105K5

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STF10N60DM2 STMICROELECTRONICS-STF10N60DM2 Datasheet
711Kb / 12P
   N-channel 600 V, 0.440 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a TO-220FP package
STF10N60M2 STMICROELECTRONICS-STF10N60M2 Datasheet
657Kb / 13P
   Extremely low gate charge
March 2017 Rev 4
STF10N62K3 STMICROELECTRONICS-STF10N62K3 Datasheet
954Kb / 17P
   N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
STF10N65K3 STMICROELECTRONICS-STF10N65K3 Datasheet
958Kb / 17P
   N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STF10N65K3 STMICROELECTRONICS-STF10N65K3 Datasheet
1Mb / 21P
   N-channel 650 V, 0.75 廓 typ., 10 A SuperMESH3??Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
August 2013 Rev 4
More results

同様の説明 - STF10N105K5

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STF9N80K5 STMICROELECTRONICS-STF9N80K5 Datasheet
762Kb / 16P
   Ultra-low gate charge
November 2015 Rev 2
STD6N90K5 STMICROELECTRONICS-STD6N90K5 Datasheet
825Kb / 16P
   Ultra-low gate charge
November 2016 Rev 1
logo
Infineon Technologies A...
SPD06N60C3 INFINEON-SPD06N60C3_14 Datasheet
401Kb / 11P
   Ultra low gate charge
logo
STMicroelectronics
STF15N95K5 STMICROELECTRONICS-STF15N95K5 Datasheet
1Mb / 18P
   Ultra low gate charge
February 2014 Rev 2
STD5N95K5 STMICROELECTRONICS-STD5N95K5 Datasheet
1Mb / 26P
   Ultra-low gate charge
January 2017 Rev 4
STD7N90K5 STMICROELECTRONICS-STD7N90K5 Datasheet
817Kb / 16P
   Ultra-low gate charge
October 2016 Rev 1
STP7LN80K5 STMICROELECTRONICS-STP7LN80K5 Datasheet
719Kb / 13P
   Ultra-low gate charge
STF6N80K5 STMICROELECTRONICS-STF6N80K5 Datasheet
831Kb / 15P
   Ultra low gate charge
September 2016 Rev 4
STL7N80K5 STMICROELECTRONICS-STL7N80K5 Datasheet
956Kb / 17P
   Ultra low gate charge
November 2013 Rev 1
STL2N80K5 STMICROELECTRONICS-STL2N80K5 Datasheet
1Mb / 17P
   Ultra low gate charge
July 2014 Rev 2
STF7N80K5 STMICROELECTRONICS-STF7N80K5 Datasheet
689Kb / 14P
   Ultra low gate charge
October 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com