データシートサーチシステム |
|
STF13NM06N-H データシート(PDF) 9 Page - STMicroelectronics |
|
STF13NM06N-H データシート(HTML) 9 Page - STMicroelectronics |
9 / 13 page STF13NM60N-H Test circuits Doc ID 16963 Rev 1 9/13 3 Test circuits Figure 16. Switching times test circuit for resistive load Figure 17. Gate charge test circuit Figure 18. Test circuit for inductive load switching and diode recovery times Figure 19. Unclamped inductive load test circuit Figure 20. Unclamped inductive waveform Figure 21. Switching time waveform AM01468v1 VGS PW VD RG RL D.U.T. 2200 µF 3.3 µF VDD AM01469v1 VDD 47k Ω 1k Ω 47k Ω 2.7k Ω 1k Ω 12V Vi=20V=VGMAX 2200 µF PW IG=CONST 100 Ω 100nF D.U.T. VG AM01470v1 A D D.U.T. S B G 25 Ω A A B B RG G FAST DIODE D S L=100 µH µF 3.3 1000 µF VDD AM01471v1 Vi Pw VD ID D.U.T. L 2200 µF 3.3 µF VDD AM01472v1 V(BR)DSS VDD VDD VD IDM ID AM01473v1 VDS ton tdon tdoff toff tf tr 90% 10% 10% 0 0 90% 90% 10% VGS |
同様の部品番号 - STF13NM06N-H |
|
同様の説明 - STF13NM06N-H |