データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCV857BGQL データシート(PDF) 10 Page - Texas Instruments

部品番号 CDCV857BGQL
部品情報  2.5-V PHASE-LOCK LOOP CLOCK DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCV857BGQL データシート(HTML) 10 Page - Texas Instruments

Back Button CDCV857BGQL Datasheet HTML 6Page - Texas Instruments CDCV857BGQL Datasheet HTML 7Page - Texas Instruments CDCV857BGQL Datasheet HTML 8Page - Texas Instruments CDCV857BGQL Datasheet HTML 9Page - Texas Instruments CDCV857BGQL Datasheet HTML 10Page - Texas Instruments CDCV857BGQL Datasheet HTML 11Page - Texas Instruments CDCV857BGQL Datasheet HTML 12Page - Texas Instruments CDCV857BGQL Datasheet HTML 13Page - Texas Instruments CDCV857BGQL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CDCV857B, CDCV857BI
2.5-V PHASE-LOCK LOOP CLOCK DRIVER
SCAS689A − FEBRUARY 2003 − REVISED NOVEMBER 2010
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1
fo
Yx, FBOUT
Yx, FBOUT
Yx, FBOUT
Yx, FBOUT
tc(n)
tjit(per) = tcn
1
fo
fO = Average input frequency measured at CLK/CLK
Figure 7. Period Jitter
tjit(hper) = t(hper_n) −
t(hper_n)
t(hper_n+1)
Yx, FBOUT
Yx, FBOUT
1
fo
1
2xfo
fO = Average input frequency measured at CLK/CLK
n = any half cycle
Figure 8. Half-Period Jitter
Clock Inputs
and Outputs
80%
20%
80%
20%
tr
tf
tslr(I O) +
V80% * V20%
tr(I O)
tslf(I O) +
V80% * V20%
tf(I O)
VOH, VIH
VOL, VIL
Figure 9. Input and Output Slew Rates


同様の部品番号 - CDCV857BGQL

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCV857BGQLR TI-CDCV857BGQLR Datasheet
277Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
More results

同様の説明 - CDCV857BGQL

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCV857A TI1-CDCV857A_08 Datasheet
389Kb / 16P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
CDCVF857 TI-CDCVF857 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857 RENESAS-HD74CDCV857 Datasheet
226Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Hitachi Semiconductor
HD74CDCV857 HITACHI-HD74CDCV857 Datasheet
61Kb / 15P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV857A TI-CDCV857A Datasheet
190Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
logo
Renesas Technology Corp
HD74CDCV857A RENESAS-HD74CDCV857A Datasheet
244Kb / 13P
   2.5-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCV855 TI-CDCV855 Datasheet
137Kb / 10P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857B TI-CDCV857B Datasheet
277Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV855 TI1-CDCV855_16 Datasheet
765Kb / 15P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCV857 TI1-CDCV857_08 Datasheet
352Kb / 14P
[Old version datasheet]   2.5-V PHASE LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com