データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CDCE937-Q1 データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 CDCE937-Q1
部品情報  Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE937-Q1 データシート(HTML) 1 Page - Texas Instruments

  CDCE937-Q1 Datasheet HTML 1Page - Texas Instruments CDCE937-Q1 Datasheet HTML 2Page - Texas Instruments CDCE937-Q1 Datasheet HTML 3Page - Texas Instruments CDCE937-Q1 Datasheet HTML 4Page - Texas Instruments CDCE937-Q1 Datasheet HTML 5Page - Texas Instruments CDCE937-Q1 Datasheet HTML 6Page - Texas Instruments CDCE937-Q1 Datasheet HTML 7Page - Texas Instruments CDCE937-Q1 Datasheet HTML 8Page - Texas Instruments CDCE937-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
CDCE(L)9xx Clock
Ethernet PHY
USB Controller
WiFi
FPGA
25 MHz
Copyright © 2016, Texas Instruments Incorporated
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
CDCE937, CDCEL937
SLAS564G – AUGUST 2007 – REVISED OCTOBER 2016
CDCEx937 Flexible Low Power LVCMOS Clock Generator
With SSC Support For EMI Reduction
1
1 Features
1
Member of Programmable Clock Generator
Family
CDCEx913: 1-PLL, 3 Outputs
CDCEx925: 2-PLL, 5 Outputs
CDCEx937: 3-PLL, 7 Outputs
CDCEx949: 4-PLL, 9 Outputs
In-System Programmability and EEPROM
Serial Programmable Volatile Register
Nonvolatile EEPROM to Store Customer
Setting
Flexible Input Clocking Concept
External Crystal: 8 MHz to 32 MHz
On-Chip VCXO: Pull Range ±150 ppm
Single-Ended LVCMOS up to 160 MHz
Free Selectable Output Frequency up to 230 MHz
Low-Noise PLL Core
PLL Loop Filter Components Integrated
Low Period Jitter (Typical 60 ps)
Separate Output Supply Pins
CDCE937: 3.3 V and 2.5 V
CDCEL937: 1.8 V
Flexible Clock Driver
Three User-Definable Control Inputs
[S0/S1/S2], for Example, SSC Selection,
Frequency Switching, Output Enable or Power
Down
Generates Highly Accurate Clocks for Video,
Audio, USB, IEEE1394, RFID, Bluetooth™,
WLAN, Ethernet™, and GPS
Generates Common Clock Frequencies Used
With TI-DaVinci™, OMAP™, DSPs
Programmable SSC Modulation
Enables 0-PPM Clock Generation
1.8-V Device Power Supply
Wide Temperature Range –40°C to 85°C
Packaged in TSSOP
Development and Programming Kit for Easy PLL
Design and Programming (TI Pro-Clock™)
2 Applications
D-TVs,
STBs,
IP-STBs,
DVD
Players,
DVD
Recorders, and Printers
3 Description
The CDCE937 and CDCEL937 devices are modular
PLL-based
low
cost,
high-performance,
programmable clock synthesizers, multipliers and
dividers. They generate up to 7 output clocks from a
single
input
frequency.
Each
output
can
be
programmed in-system for any clock frequency up to
230 MHz, using up to three independent configurable
PLLs.
The CDCEx937 has separate output supply pins,
VDDOUT, which is 1.8 V for CDCEL937 and to 2.5 V
to 3.3 V for CDCE937.
The input accepts an external crystal or LVCMOS
clock signal. If an external crystal is used, an on-chip
load capacitor is adequate for most applications. The
value of the load capacitor is programmable from 0 to
20 pF. Additionally, an on-chip VCXO is selectable
which allows synchronization of the output frequency
to an external control signal, that is, PWM signal.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
CDCE937,
CDCEL937
TSSOP (20)
6.50 mm x 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Typical Application Schematic


同様の部品番号 - CDCE937-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
688Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER WITH 1.8-V, 2.5-V, AND 3.3-V LVCMOS OUTPUTS
CDCE937-Q1 TI1-CDCE937-Q1 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
CDCE937-Q1 TI1-CDCE937-Q1_15 Datasheet
902Kb / 30P
[Old version datasheet]   PROGRAMMABLE 3-PLL VCXO CLOCK SYNTHESIZER
More results

同様の説明 - CDCE937-Q1

メーカー部品番号データシート部品情報
logo
ON Semiconductor
P3MS650100H ONSEMI-P3MS650100H Datasheet
218Kb / 7P
   LVCMOS Peak EMI Reduction Clock Generator
August, 2011 ??Rev. 0
P3MS650103H ONSEMI-P3MS650103H Datasheet
156Kb / 7P
   LVCMOS Peak EMI Reduction Clock Generator
September, 2011 ??Rev. 0
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
logo
Cypress Semiconductor
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
[Old version datasheet]   SSC Clock Generator/Buffer
logo
Alliance Semiconductor ...
ASM3P2508SP ALSC-ASM3P2508SP Datasheet
303Kb / 7P
   Clock Synthesizer and Frequency Generator with Peak EMI reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com