データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM5576-Q1 データシート(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM5576-Q1
部品情報  SIMPLE SWITCHER 75 V, 3 A Step-Down Switching Regulator
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM5576-Q1 データシート(HTML) 10 Page - Texas Instruments

Back Button LM5576-Q1 Datasheet HTML 6Page - Texas Instruments LM5576-Q1 Datasheet HTML 7Page - Texas Instruments LM5576-Q1 Datasheet HTML 8Page - Texas Instruments LM5576-Q1 Datasheet HTML 9Page - Texas Instruments LM5576-Q1 Datasheet HTML 10Page - Texas Instruments LM5576-Q1 Datasheet HTML 11Page - Texas Instruments LM5576-Q1 Datasheet HTML 12Page - Texas Instruments LM5576-Q1 Datasheet HTML 13Page - Texas Instruments LM5576-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
LM5576, LM5576-Q1
SNVS447J – JANUARY 2007 – REVISED NOVEMBER 2014
www.ti.com
Product Folder Links: LM5576 LM5576-Q1
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Feature Description (continued)
An external set-point voltage divider from VIN to GND can be used to set the operational input range of the
regulator. The divider must be designed such that the voltage at the SD pin will be greater than 1.225 V when
VIN is in the desired operating range. The internal 5 µA pull-up current source must be included in calculations of
the external set-point divider. Hysteresis of 0.1 V is included for both the shutdown and standby thresholds. The
SD pin is internally clamped with a 1 k
Ω resistor and an 8 V zener clamp. The voltage at the SD pin should never
exceed 14 V. If the voltage at the SD pin exceeds 8 V, the bias current will increase at a rate of 1 mA/V.
The SD pin can also be used to implement various remote enable / disable functions. Pulling the SD pin below
the 0.7 V threshold totally disables the controller. If the SD pin voltage is above 1.225 V the regulator will be
operational.
7.3.2 Soft-Start
The soft-start feature allows the regulator to gradually reach the initial steady state operating point, thus reducing
start-up stresses and surges. The internal soft-start current source, set to 10 µA, gradually increases the voltage
of an external soft-start capacitor connected to the SS pin. The soft-start capacitor voltage is connected to the
reference input of the error amplifier. Various sequencing and tracking schemes can be implemented using
external circuits that limit or clamp the voltage level of the SS pin.
In the event a fault is detected (over-temperature, VCC UVLO, SD) the soft-start capacitor will be discharged.
When the fault condition is no longer present a new soft-start sequence will commence.
7.3.3 Thermal Protection
Internal Thermal Shutdown circuitry is provided to protect the integrated circuit in the event the maximum junction
temperature is exceeded. When activated, typically at 165°C (Q1 version) and 180°C (Q0 version), the controller
is forced into a low power reset state, disabling the output driver and the bias regulator. This feature is provided
to prevent catastrophic failures from accidental device overheating.
7.4 Device Functional Modes
7.4.1 High Voltage Start-Up Regulator
The LM5576 contains a dual-mode internal high voltage startup regulator that provides the CC bias supply for the
PWM controller and boot-strap MOSFET gate driver. The input pin (VIN) can be connected directly to the input
voltage, as high as 75 Volts. For input voltages below 9 V, a low dropout switch connects VCC directly to VIN. In
this supply range, VCC is approximately equal to VIN. For VIN voltage greater than 9 V, the low dropout switch is
disabled and the VCC regulator is enabled to maintain VCC at approximately 7 V. The wide operating range of 6 V
to 75 V is achieved through the use of this dual mode regulator.
The output of the VCC regulator is current limited to 25 mA. Upon power up, the regulator sources current into the
capacitor connected to the VCC pin. When the voltage at the VCC pin exceeds the VCC UVLO threshold of 5.35
V and the SD pin is greater than 1.225 V, the output switch is enabled and a soft-start sequence begins. The
output switch remains enabled until VCC falls below 5.0 V or the SD pin falls below 1.125 V.
An auxiliary supply voltage can be applied to the VCC pin to reduce the IC power dissipation. If the auxiliary
voltage is greater than 7.3 V, the internal regulator will essentially shut off, reducing the IC power dissipation.
The VCC regulator series pass transistor includes a diode between VCC and VIN that should not be forward biased
in normal operation. Therefore the auxiliary VCC voltage should never exceed the VIN voltage.
In high voltage applications extra care should be taken to ensure the VIN pin does not exceed the absolute
maximum voltage rating of 76 V. During line or load transients, voltage ringing on the VIN line that exceeds the
Absolute Maximum Ratings can damage the IC. Both careful PC board layout and the use of quality bypass
capacitors located close to the VIN and GND pins are essential.


同様の部品番号 - LM5576-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5576-Q1 TI-LM5576-Q1 Datasheet
1,022Kb / 30P
[Old version datasheet]   LM5576/LM5576-Q1 SIMPLE SWITCHER 75V, 3A Step-Down Switching Regulator
LM5576-Q1 TI1-LM5576-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 3A Step-Down Switching Regulator
LM5576-Q1 TI-LM5576-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
More results

同様の説明 - LM5576-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM5574-Q1 TI1-LM5574-Q1 Datasheet
1,018Kb / 33P
[Old version datasheet]   Simple Switcher 75 V 0.5 A Step-Down Switching Regulator
LM5575-Q1 TI1-LM5575-Q1_17 Datasheet
1Mb / 33P
[Old version datasheet]   Simple Switcher 75-V, 1.5-A Step-Down Switching Regulator
LM5576 TI1-LM5576 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM5576 TI-LM5576_15 Datasheet
1Mb / 34P
[Old version datasheet]   LM5576/-Q1 SIMPLE SWITCHER짰 75 V, 3 A Step-Down Switching Regulator
LM22670 TI1-LM22670_17 Datasheet
1Mb / 32P
[Old version datasheet]   42-V, 3-A SIMPLE SWITCHER, Step-Down Voltage Regulator With Features
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM25576 TI1-LM25576_17 Datasheet
1Mb / 29P
[Old version datasheet]   SIMPLE SWITCHER 42V, 3A Step-Down Switching Regulator
LM25575 TI1-LM25575_17 Datasheet
1Mb / 32P
[Old version datasheet]   SIMPLE SWITCHER 42V, 1.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5575 NSC-LM5575_09 Datasheet
455Kb / 22P
   SIMPLE SWITCHER 75V, 1.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com