データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMK61I2-100M データシート(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMK61I2-100M
部品情報  High-Performance Ultra-Low Jitter Oscillator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61I2-100M データシート(HTML) 7 Page - Texas Instruments

Back Button LMK61I2-100M Datasheet HTML 3Page - Texas Instruments LMK61I2-100M Datasheet HTML 4Page - Texas Instruments LMK61I2-100M Datasheet HTML 5Page - Texas Instruments LMK61I2-100M Datasheet HTML 6Page - Texas Instruments LMK61I2-100M Datasheet HTML 7Page - Texas Instruments LMK61I2-100M Datasheet HTML 8Page - Texas Instruments LMK61I2-100M Datasheet HTML 9Page - Texas Instruments LMK61I2-100M Datasheet HTML 10Page - Texas Instruments LMK61I2-100M Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7
LMK61E0-050M, LMK61E2-100M, LMK61E2-125M, LMK61E2-156M, LMK61E2-312M
LMK61A2-100M, LMK61A2-125M, LMK61A2-156M, LMK61A2-312M, LMK61I2-100M
www.ti.com
SNAS676B – OCTOBER 2015 – REVISED MARCH 2017
Product Folder Links: LMK61E0-050M LMK61E2-100M LMK61E2-125M LMK61E2-156M LMK61E2-312M LMK61A2-
100M LMK61A2-125M LMK61A2-156M LMK61A2-312M LMK61I2-100M
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
Measured max spur level with 50 mVpp sinusoidal signal between 50 kHz and 1 MHz applied on VDD pin
(3)
DJSPUR (ps, pk-pk) = [2*10(SPUR/20) / (π*fOUT)]*1e6, where PSRR or SPUR in dBc and fOUT in MHz.
6.12 PSRR Characteristics
(1)
VDD = 3.3 V, TA = 25°C, FS[1:0] = NC, NC
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PSRR
Spurs induced by 50-mV
power supply ripple(2)(3) at
156.25-MHz output, all
output types
Sine wave at 50 kHz
–70
dBc
Sine wave at 100 kHz
–70
Sine wave at 500 kHz
–70
Sine wave at 1 MHz
–70
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
Phase jitter measured with Agilent E5052 signal source analyzer using a differential-to-single ended converter (balun or buffer).
(3)
Ensured by characterization.
6.13 PLL Clock Output Jitter Characteristics
(1) (2)
VDD = 3.3 V ± 5%, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RJ
RMS phase jitter(3)
(12 kHz – 20 MHz)
(1 kHz – 5 MHz)
fOUT < 100 MHz, integer-N PLL, all output types
200
300
fs RMS
RJ
RMS phase jitter(3)
(12 kHz – 20 MHz)
(1 kHz – 5 MHz)
fOUT ≥ 100 MHz, integer-N PLL, all output types
100
200
fs RMS
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
Phase jitter measured with Agilent E5052 signal source analyzer using a differential-to-single ended converter (balun or buffer).
6.14 Typical 156.25-MHz Output Phase Noise Characteristics
(1) (2)
VDD = 3.3 V, TA = 25°C, Output Type = LVPECL/LVDS/HCSL
PARAMETER
OUTPUT TYPE
UNITS
LVPECL
LVDS
HCSL
phn10k
Phase noise at 10-kHz offset
–143
–143
–143
dBc/Hz
Phn20k
Phase noise at 20-kHz offset
–143
–143
–143
dBc/Hz
phn100k
Phase noise at 100-kHz offset
–144
–144
–144
dBc/Hz
Phn200k
Phase noise at 200-kHz offset
–145
–145
–145
dBc/Hz
phn1M
Phase noise at 1-MHz offset
–150
–150
–150
dBc/Hz
phn2M
Phase noise at 2-MHz offset
–154
–154
–154
dBc/Hz
phn10M
Phase noise at 10-MHz offset
–165
–162
–164
dBc/Hz
phn20M
Phase noise at 20-MHz offset
–165
–162
–164
dBc/Hz
6.15 Additional Reliability and Qualification
PARAMETER
CONDITION / TEST METHOD
Mechanical Shock
MIL-STD-202, Method 213
Mechanical Vibration
MIL-STD-202, Method 204
Moisture Sensitivity Level
J-STD-020, MSL3


同様の部品番号 - LMK61I2-100M

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK61I2-100M TI1-LMK61I2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61I2-100M00 TI1-LMK61I2-100M00 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61I2-100M00SIAR TI1-LMK61I2-100M00SIAR Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61I2-100M00SIAR TI1-LMK61I2-100M00SIAR Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK61I2-100M00SIAR TI1-LMK61I2-100M00SIAR Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

同様の説明 - LMK61I2-100M

メーカー部品番号データシート部品情報
logo
Texas Instruments
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com