データシートサーチシステム |
|
LMK61E2-100M00SIAR データシート(PDF) 5 Page - Texas Instruments |
|
|
LMK61E2-100M00SIAR データシート(HTML) 5 Page - Texas Instruments |
5 / 22 page 5 LMK61E0-050M, LMK61E2-100M, LMK61E2-125M, LMK61E2-156M, LMK61E2-312M LMK61A2-100M, LMK61A2-125M, LMK61A2-156M, LMK61A2-312M, LMK61I2-100M www.ti.com SNAS676B – OCTOBER 2015 – REVISED MARCH 2017 Product Folder Links: LMK61E0-050M LMK61E2-100M LMK61E2-125M LMK61E2-156M LMK61E2-312M LMK61A2- 100M LMK61A2-125M LMK61A2-156M LMK61A2-312M LMK61I2-100M Submit Documentation Feedback Copyright © 2015–2017, Texas Instruments Incorporated (1) Refer to Parameter Measurement Information for relevant test conditions. (2) On-chip power dissipation should exclude 40 mW, dissipated in the 150 ohm termination resistors, from total power dissipation. 6.5 Electrical Characteristics - Power Supply (1) VDD = 3.3 V ± 5%, TA = -40C to 85°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT IDD Device current consumption LVPECL(2) 162 208 mA LVDS 152 196 HCSL 155 196 IDD-PD Device current consumption when output is disabled OE = GND 136 mA (1) Refer to Parameter Measurement Information for relevant test conditions. (2) An output frequency over fOUT max spec is possible, but output swing may be less than VOD min spec. (3) Ensured by characterization. 6.6 LVPECL Output Characteristics (1) VDD = 3.3 V ± 5%, TA = -40C to 85°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT fOUT Output frequency(2) 10 1000 MHz VOD Output voltage swing (VOH – VOL) (2) 700 800 1200 mV VOUT, DIFF, PP Differential output peak-to- peak swing 2 × |VOD| V VOS Output common-mode voltage VDD – 1.55 V tR / tF Output rise/fall time (20% to 80%)(3) 120 200 ps PN-Floor Output phase noise floor (fOFFSET > 10 MHz) 156.25 MHz –165 dBc/Hz ODC Output duty cycle(3) 45% 55% (1) An output frequency over fOUT max spec is possible, but output swing may be less than VOD min spec. (2) Ensured by characterization. 6.7 LVDS Output Characteristics (1) VDD = 3.3 V ± 5%, TA = –40°C to 85°C PARAMETER TEST CONDITIONS MIN TYP MAX UNIT fOUT Output frequency(1) 10 900 MHz VOD Output voltage swing (VOH – VOL) (1) 300 390 480 mV VOUT, DIFF, PP Differential output peak-to- peak swing 2 × |VOD| V VOS Output common-mode voltage 1.2 V tR / tF Output rise/fall time (20% to 80%)(2) 150 250 ps PN-Floor Output phase noise floor (fOFFSET > 10 MHz) 156.25 MHz –162 dBc/Hz ODC Output duty cycle(2) 45% 55% ROUT Differential output impedance 125 Ohm |
同様の部品番号 - LMK61E2-100M00SIAR |
|
同様の説明 - LMK61E2-100M00SIAR |