データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STP100NF04 データシート(PDF) 4 Page - STMicroelectronics

部品番号 STP100NF04
部品情報  AEC-Q101 qualified
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP100NF04 データシート(HTML) 4 Page - STMicroelectronics

  STP100NF04 Datasheet HTML 1Page - STMicroelectronics STP100NF04 Datasheet HTML 2Page - STMicroelectronics STP100NF04 Datasheet HTML 3Page - STMicroelectronics STP100NF04 Datasheet HTML 4Page - STMicroelectronics STP100NF04 Datasheet HTML 5Page - STMicroelectronics STP100NF04 Datasheet HTML 6Page - STMicroelectronics STP100NF04 Datasheet HTML 7Page - STMicroelectronics STP100NF04 Datasheet HTML 8Page - STMicroelectronics STP100NF04 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Electrical characteristics
STB100NF04T4, STP100NF04
4/20
DocID9969 Rev 7
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
ID = 250 µA, VGS = 0 V
40
V
IDSS
Zero gate voltage drain current
VDS = 40 V, VGS = 0 V
1
µA
VDS = 40 V, VGS = 0 V
TC = 125°C(1)
10
µA
IGSS
Gate body leakage current
VGS = ±20 V, VDS = 0 V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source on- resistance
VGS = 10 V, ID= 50 A
4.3
4.6
mΩ
Notes:
(1)Defined by design,not subject to production test
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 25 V, f = 1 MHz,
VGS = 0 V
-
5100
pF
Coss
Output capacitance
-
1300
pF
Crss
Reverse transfer capacitance
-
160
pF
Qg
Total gate charge
VDD = 32 V, ID = 120 A ,
VGS = 10 V
(see Figure 21: "Test
circuit for gate charge
behavior")
-
110
150
nC
Qgs
Gate-source charge
-
35
nC
Qgd
Gate-drain charge
-
70
nC
td(on)
Turn-on delay time
VDD = 20 V, ID = 60 A ,
RG
= 4.7 Ω ,VGS = 10 V
(see Figure 20: "Test
circuit for resistive load
switching times" and
Figure 25: "Switching
time waveform")
-
35
ns
tr
Rise time
-
220
ns
td(off)
Turn-off delay time
-
80
ns
tf
Fall time
-
50
ns


同様の部品番号 - STP100NF04

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
584Kb / 15P
   N-CHANNEL 40V - 0.0043ohm - 120A TO-220/D2PAK/I2PAK STripFET??II POWER MOSFET
STP100NF04 STMICROELECTRONICS-STP100NF04 Datasheet
394Kb / 17P
   N-channel 40V - 0.0043ohm - 120A - TO-220 - D2PAK STripFET TM II Power MOSFET
logo
VBsemi Electronics Co.,...
STP100NF04 VBSEMI-STP100NF04 Datasheet
970Kb / 7P
   N-Channel 40-V (D-S) MOSFET
logo
STMicroelectronics
STP100NF04L STMICROELECTRONICS-STP100NF04L Datasheet
268Kb / 8P
   N-CHANNEL 40V - 0.0036 ohm - 100A TO-220 STripFET??II POWER MOSFET
More results

同様の説明 - STP100NF04

メーカー部品番号データシート部品情報
logo
STMicroelectronics
TN3050H-12WY STMICROELECTRONICS-TN3050H-12WY Datasheet
394Kb / 9P
   AEC-Q101 qualified
October 2016 Rev 2
logo
Littelfuse
AQ1006 LITTELFUSE-AQ1006 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
STMicroelectronics
STH275N8F7-2AG STMICROELECTRONICS-STH275N8F7-2AG Datasheet
889Kb / 18P
   AEC-Q101 qualified
January 2017 Rev 4
logo
Littelfuse
AQ1026 LITTELFUSE-AQ1026 Datasheet
2Mb / 4P
   AEC-Q101 qualified
logo
Rohm
YFZVFH27B ROHM-YFZVFH27B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
YFZVFH18B ROHM-YFZVFH18B Datasheet
1Mb / 9P
   Zener Diode (AEC-Q101 qualified)
logo
Alpha & Omega Semicondu...
AOBS30B65LN AOSMD-AOBS30B65LN Datasheet
488Kb / 7P
   650V, 30A Alpha IGBTTM AEC-Q101 Qualified
Rev.4.0: March 2020
logo
Diodes Incorporated
DMN3008SFG DIODES-DMN3008SFG Datasheet
511Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMNH4011SPSQ DIODES-DMNH4011SPSQ Datasheet
552Kb / 7P
   Qualified to AEC-Q101 Standards for High Reliability
DMP1012UCB9 DIODES-DMP1012UCB9 Datasheet
237Kb / 6P
   Qualified to AEC-Q101 Standards for High Reliability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com