データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AMW006R データシート(PDF) 10 Page - Silicon Laboratories

部品番号 AMW006R
部品情報  Embedded Wi-Fi Networking Solutions
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

AMW006R データシート(HTML) 10 Page - Silicon Laboratories

Back Button AMW006R Datasheet HTML 6Page - Silicon Laboratories AMW006R Datasheet HTML 7Page - Silicon Laboratories AMW006R Datasheet HTML 8Page - Silicon Laboratories AMW006R Datasheet HTML 9Page - Silicon Laboratories AMW006R Datasheet HTML 10Page - Silicon Laboratories AMW006R Datasheet HTML 11Page - Silicon Laboratories AMW006R Datasheet HTML 12Page - Silicon Laboratories AMW006R Datasheet HTML 13Page - Silicon Laboratories AMW006R Datasheet HTML 14Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
WLAN RF Specifications, Section 4
AMW006 / AMW106 • Embedded Wi-Fi Networking Solutions
ADS-MWx06-106R • Preliminary Data Sheet
September 1, 2015
©2014-2015 ACKme Networks. http://ack.me
Page | 6
4
WLAN RF Specifications
The AMWx06 WLAN radio specifications are derived from the Broadcom BCM43362 WLAN radio specifications.
Unless otherwise stated, the specifications in this section apply when the operating conditions are within the limits
specified in Section 3.2, Recommended Operating Conditions. Functional operation outside these limits is not guaran-
teed.
All specifications are measured by connecting directly to either of the antenna ports via a short PCB trace with the
other antenna port terminated in 50 ohms.
4.1 Summary WLAN Specifications
Table 7. Summary WLAN Specifications
Feature Supported
Description
WLAN Standard
IEEE 802.11b/g/n 1x1 SISO
Frequency Band
2.400 GHz – 2.484 GHz
WLAN Channels
Channels 1 – 13
Data Rates
802.11b (1, 2, 5.5, 11 Mbps)
802.11g (6, 9, 12, 24, 36, 48, 54 Mbps)
802.11n (HT20 MCS0-MCS7)
Maximum Receive level
@ 2.4GHz
-2.5 dBm @ 1, 2 Mbps (8% PER, 1024 octets)
-8.5 dBm @ 5.5, 11 Mbps (8% PER, 1024 Octets)
-12 dBm @ 6-54 Mbps (10% PER, 1000 Octets)
Maximum RF Tx Output Power
+18 dBm @ 802.11b (EVM < -9 dB)
+14 dBm @ 802.11n MCS7 (EVM < -28 dB)
Carrier Frequency Accuracy
±20 ppm (26MHz crystal with ±10 ppm @ 25C)
4.2 WLAN Receiver Specifications
Table 8. WLAN Receiver Performance Specifications
Parameter
Condition/Notes
Min
Typical
Max
Unit
Frequency Range
2400
2500
MHz
Operating Temperature1
-30
+85
°C
Receive Sensitivity2
(8% PER for 1024 octet PSDU)
at either antenna port3
1 Mbps DSSS
-94
-91
dBm
11 Mbps CCK
-87
-83
Receive Sensitivity2
(10% PER for 1000 octet
PSDU) at either antenna port3
6 Mbps OFDM
-86
-81
dBm
54 Mbps OFDM
-73
-69


同様の部品番号 - AMW006R

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AMW006 ETC2-AMW006 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Silicon Laboratories
AMW006 SILABS-AMW006 Datasheet
3Mb / 37P
   This document provides information on the AMWx06 802.11b/g/n Wi-Fi networking module from Zentri.
June 26, 2019
AMW006-A1U SILABS-AMW006-A1U Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
AMW006-A1W SILABS-AMW006-A1W Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
AMW006-A1X SILABS-AMW006-A1X Datasheet
2Mb / 12P
   Swapped RTS/CTS pins to match the default configuration at manufacturing
July 8, 2015
More results

同様の説明 - AMW006R

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
AMW006 ETC2-AMW006 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
Silicon Laboratories
AMW106-E03 SILABS-AMW106-E03 Datasheet
1Mb / 32P
   Embedded Wi-Fi Networking Solutions
logo
List of Unclassifed Man...
AMW004 ETC2-AMW004 Datasheet
1Mb / 29P
   Embedded Wi-Fi Networking Solution
logo
Silicon Laboratories
AMW037 SILABS-AMW037 Datasheet
2Mb / 32P
   Embedded Wi-Fi Networking Solution
August 29, 2017
logo
World Produts Inc.
WPANT10042 WPI-WPANT10042 Datasheet
93Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10032 WPI-WPANT10032 Datasheet
111Kb / 3P
   Wi-Fi Embedded Antenna
WPANT10049 WPI-WPANT10049 Datasheet
98Kb / 2P
   Wi-Fi Embedded Antenna
WPANT10008-SA WPI-WPANT10008-SA Datasheet
233Kb / 5P
   Dual-band Wi-Fi Embedded Antenna
WPANT10052 WPI-WPANT10052 Datasheet
154Kb / 3P
   Vertically Polarized Wi-Fi Embedded Antenna
WPANT10048-S1C WPI-WPANT10048-S1C Datasheet
109Kb / 2P
   2.4 GHz Wi-Fi Embedded Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com