データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD4NK100Z データシート(PDF) 6 Page - STMicroelectronics

部品番号 STD4NK100Z
部品情報  Very low intrinsic capacitance
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD4NK100Z データシート(HTML) 6 Page - STMicroelectronics

Back Button STD4NK100Z Datasheet HTML 2Page - STMicroelectronics STD4NK100Z Datasheet HTML 3Page - STMicroelectronics STD4NK100Z Datasheet HTML 4Page - STMicroelectronics STD4NK100Z Datasheet HTML 5Page - STMicroelectronics STD4NK100Z Datasheet HTML 6Page - STMicroelectronics STD4NK100Z Datasheet HTML 7Page - STMicroelectronics STD4NK100Z Datasheet HTML 8Page - STMicroelectronics STD4NK100Z Datasheet HTML 9Page - STMicroelectronics STD4NK100Z Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
STD4NK100Z
6/16
DocID022821 Rev 2
2.1
Electrical characteristics (curves)
Figure 2. Safe operating area
Figure 3. Thermal impedance
Figure 4. Output characteristics
Figure 5. Transfer characteristics
Figure 6. Normalized V(BR)DSS vs. temperature
Figure 7. Static drain-source on-resistance


同様の部品番号 - STD4NK100Z

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD4NK100Z STMICROELECTRONICS-STD4NK100Z Datasheet
440Kb / 15P
   Automotive-grade N-channel 1000 V, 5.4 Ω typ., 2.2 A SuperMESH Power MOSFET in a DPAK package
Rev 3 - April 2023
STD4NK100Z STMICROELECTRONICS-STD4NK100Z_V01 Datasheet
440Kb / 15P
   Automotive-grade N-channel 1000 V, 5.4 Ω typ., 2.2 A SuperMESH Power MOSFET in a DPAK package
Rev 3 - April 2023
More results

同様の説明 - STD4NK100Z

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STL18N65M5 STMICROELECTRONICS-STL18N65M5 Datasheet
1Mb / 17P
   Very low intrinsic capacitance
June 2013 Rev 2
STQ3N45K3-AP STMICROELECTRONICS-STQ3N45K3-AP Datasheet
877Kb / 14P
   Very low intrinsic capacitance
June 2013 Rev 1
STDLED524 STMICROELECTRONICS-STDLED524 Datasheet
1Mb / 22P
   Very low intrinsic capacitance
August 2013 Rev 1
STDLED623 STMICROELECTRONICS-STDLED623 Datasheet
1Mb / 18P
   Very low intrinsic capacitance
September 2013 Rev 1
STL12N65M5 STMICROELECTRONICS-STL12N65M5 Datasheet
1Mb / 17P
   Very low intrinsic capacitance
July 2013 Rev 4
STF17N62K3 STMICROELECTRONICS-STF17N62K3 Datasheet
976Kb / 17P
   Very low intrinsic capacitance
July 2011 Rev 2
STB6N62K3 STMICROELECTRONICS-STB6N62K3 Datasheet
1Mb / 19P
   Very low intrinsic capacitance
December 2011 Rev 1
STD10NF30 STMICROELECTRONICS-STD10NF30 Datasheet
874Kb / 16P
   Very low intrinsic capacitances
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
   Very low capacitance ESD protection
logo
Pan Jit International I...
PJE5V0V1W6 PANJIT-PJE5V0V1W6 Datasheet
292Kb / 6P
   Very Low Capacitance ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com