データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD26P3LLH6 データシート(PDF) 3 Page - STMicroelectronics

部品番号 STD26P3LLH6
部品情報  Low gate input resistance
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD26P3LLH6 データシート(HTML) 3 Page - STMicroelectronics

  STD26P3LLH6 Datasheet HTML 1Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 2Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 3Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 4Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 5Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 6Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 7Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 8Page - STMicroelectronics STD26P3LLH6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID023574 Rev 5
3/16
STD26P3LLH6
Electrical ratings
16
1
Electrical ratings
Note:
For the P-channel Power MOSFETs the actual polarity of the voltages and the current must
be reversed.
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DS
Drain-source voltage
30
V
V
GS
Gate-source voltage
±20
V
I
D
(1)
1.
Limited by wire bonding.
Drain current (continuous) at T
C
= 25 °C
12
A
I
D
(1)
Drain current (continuous) at T
C
= 100 °C
8.5
A
I
DM
(1)(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
48
A
P
TOT
(1)
Total dissipation at T
C
= 25 °C
40
W
T
stg
Storage temperature
-55 to 175
°C
T
j
Max. operating junction temperature
175
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
R
thj-case
Thermal resistance junction-case max
3.75
°C/W
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
E
AS
Single pulse avalanche energy
(starting T
J
=25 °C, I
D
=6 A, I
AS
=12 A, V
DD
=25 V,
V
gs
=10 V)
350
mJ


同様の部品番号 - STD26P3LLH6

メーカー部品番号データシート部品情報
logo
Visual Communications C...
STD260BLK VCC-STD260BLK Datasheet
67Kb / 1P
   STD
logo
SamHop Microelectronics...
STD2640NL SAMHOP-STD2640NL Datasheet
895Kb / 8P
   N-Channel E nhancement Mode Field Effect Transistor
logo
STMicroelectronics
STD26NF10 STMICROELECTRONICS-STD26NF10 Datasheet
397Kb / 13P
   N-channel 100V - 0.033廓 - 25A - DPAK Low gate charge STripFET??II Power MOSFET
logo
VBsemi Electronics Co.,...
STD26NF10T4 VBSEMI-STD26NF10T4 Datasheet
983Kb / 8P
   N-Channel 100-V (D-S) MOSFET
More results

同様の説明 - STD26P3LLH6

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3 Datasheet
288Kb / 6P
   Low Gate Input Resistance
logo
STMicroelectronics
STB18N60M2 STMICROELECTRONICS-STB18N60M2 Datasheet
1Mb / 21P
   Low gate input resistance
February 2014 Rev 2
STB34NM60N STMICROELECTRONICS-STB34NM60N Datasheet
1Mb / 17P
   Low gate input resistance
March 2015 Rev 9
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
   Low gate input resistance
March 2014 Rev 4
STL22N65M5 STMICROELECTRONICS-STL22N65M5 Datasheet
1Mb / 17P
   Low gate input resistance
February 2013 Rev 2
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
   Low gate input resistance
June 2014 Rev 2
STB13NM60N STMICROELECTRONICS-STB13NM60N Datasheet
1Mb / 24P
   Low gate input resistance
June 2015 Rev 3
STF13NM06N-H STMICROELECTRONICS-STF13NM06N-H Datasheet
787Kb / 13P
   Low gate input resistance
January 2010 Rev 1
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
   Low gate input resistance
April 2014 Rev 1
STF18N60M2 STMICROELECTRONICS-STF18N60M2 Datasheet
1Mb / 13P
   Low gate input resistance
February 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com