データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STFI12N60M2 データシート(PDF) 8 Page - STMicroelectronics

部品番号 STFI12N60M2
部品情報  N-channel 600 V, 0.395typ., 9 A MDmesh??M2 Power MOSFET in an I짼PAKFP package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFI12N60M2 データシート(HTML) 8 Page - STMicroelectronics

Back Button STFI12N60M2 Datasheet HTML 4Page - STMicroelectronics STFI12N60M2 Datasheet HTML 5Page - STMicroelectronics STFI12N60M2 Datasheet HTML 6Page - STMicroelectronics STFI12N60M2 Datasheet HTML 7Page - STMicroelectronics STFI12N60M2 Datasheet HTML 8Page - STMicroelectronics STFI12N60M2 Datasheet HTML 9Page - STMicroelectronics STFI12N60M2 Datasheet HTML 10Page - STMicroelectronics STFI12N60M2 Datasheet HTML 11Page - STMicroelectronics STFI12N60M2 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Test circuits
STFI12N60M2
8/12
DocID027899 Rev 1
3
Test circuits
Figure 14: Switching times test circuit for resistive
load
Figure 15: Gate charge test circuit
Figure 16: Test circuit for inductive load switching
and diode recovery times
Figure 17: Unclamped inductive load test circuit
Figure 18: Unclamped inductive waveform
Figure 19: Switching time waveform


同様の部品番号 - STFI12N60M2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STFI10LN80K5 STMICROELECTRONICS-STFI10LN80K5 Datasheet
628Kb / 13P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
February 2016
STFI10N62K3 STMICROELECTRONICS-STFI10N62K3 Datasheet
954Kb / 17P
   N-channel 620 V, 0.68 廓 typ., 8.4 A SuperMESH3?
STFI10N65K3 STMICROELECTRONICS-STFI10N65K3 Datasheet
958Kb / 17P
   N-channel 650 V, 0.75 Ohm typ., 10 A Zener-protected SuperMESH3 Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STFI10N65K3 STMICROELECTRONICS-STFI10N65K3 Datasheet
1Mb / 21P
   N-channel 650 V, 0.75 廓 typ., 10 A SuperMESH3??Power MOSFETs in D2PAK, TO-220FP, I2PAKFP and TO-220 packages
August 2013 Rev 4
STFI10NK60Z STMICROELECTRONICS-STFI10NK60Z Datasheet
530Kb / 13P
   Extremely high dv/dt capability
March 2012 Rev 3
More results

同様の説明 - STFI12N60M2

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD12N60M2 STMICROELECTRONICS-STD12N60M2 Datasheet
590Kb / 19P
   N-channel 600 V, 0.395 Ω typ., 9 A MDmesh M2 Power MOSFET in a DPAK package
DS10854 - Rev 2 - April 2019
STU9HN65M2 STMICROELECTRONICS-STU9HN65M2 Datasheet
417Kb / 12P
   N-channel 600 V, 0.71 廓 typ., 5.5 A MDmesh??M2 Power MOSFET in an IPAK package
April 2015 Rev 2
STN6N60M2 STMICROELECTRONICS-STN6N60M2 Datasheet
262Kb / 13P
   N-channel 600 V, 1.00 typ., 5.5 A MDmesh M2 Power MOSFET in an SOT223-2 package
May 2020 Rev 2
STF9HN65M2 STMICROELECTRONICS-STF9HN65M2 Datasheet
444Kb / 13P
   N-channel 600 V, 0.71 廓 typ., 5.5 A MDmesh??M2 Power MOSFET in a TO-220FP package
April 2015 Rev 2
STFI13N80K5 STMICROELECTRONICS-STFI13N80K5 Datasheet
1Mb / 13P
   N-channel 800 V, 0.37 ??typ.,12 A MDmesh??K5 Power MOSFET in an I짼PAKFP package
December 2014 Rev 2
STF26N60M2 STMICROELECTRONICS-STF26N60M2 Datasheet
434Kb / 15P
   N-channel 600 V, 0.14 廓 typ., 20 A MDmesh??M2 Power MOSFETs in TO-220FP and I짼PAKFP packages
July 2015 Rev 2
STFI13NM60N STMICROELECTRONICS-STFI13NM60N Datasheet
782Kb / 12P
   N-channel 600 V, 0.28 廓, 11 A MDmesh??II Power MOSFET in I짼PAKFP package
May 2012 Rev 4
STFI15N95K5 STMICROELECTRONICS-STFI15N95K5 Datasheet
754Kb / 13P
   N-channel 950 V, 0.41 廓 typ., 12 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
July 2016 Rev 1
STFI7LN80K5 STMICROELECTRONICS-STFI7LN80K5 Datasheet
699Kb / 12P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
December 2015 Rev 1
STFI10LN80K5 STMICROELECTRONICS-STFI10LN80K5 Datasheet
628Kb / 13P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a I짼PAKFP package
February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com