データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3430DV データシート(PDF) 2 Page - Vishay Siliconix

部品番号 SI3430DV
部品情報  N-Channel 100-V (D-S) MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3430DV データシート(HTML) 2 Page - Vishay Siliconix

  SI3430DV Datasheet HTML 1Page - Vishay Siliconix SI3430DV Datasheet HTML 2Page - Vishay Siliconix SI3430DV Datasheet HTML 3Page - Vishay Siliconix SI3430DV Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Si3430DV
Vishay Siliconix
www.vishay.com
2
Document Number: 71235
S-31725—Rev. B, 18-Aug-03
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
2
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "20 V
"100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, VGS = 0 V
1
mA
Zero Gate Voltage Drain Current
IDSS
VDS = 80 V, VGS = 0 V, TJ = 85_C
25
mA
On-State Drain Currenta
ID(on)
VDS w 5 V, VGS = 10 V
8
A
Drain-Source On-State Resistancea
rDS(on)
VGS = 10 V, ID = 2.4 A
0.148
0.170
W
Drain-Source On-State Resistancea
rDS(on)
VGS = 6.0 V, ID = 2.3 A
0.160
0.185
W
Forward Transconductancea
gfs
VDS = 15 V, ID = 2.4 A
7
S
Diode Forward Voltagea
VSD
IS = 1.7 A, VGS = 0 V
0.8
1.2
V
Dynamicb
Total Gate Charge
Qg
5.5
6.6
Gate-Source Charge
Qgs
VDS = 50 V, VGS = 10 V, ID = 2.4 A
1.5
nC
Gate-Drain Charge
Qgd
1.4
Gate Resistance
Rg
1
4
W
Turn-On Delay Time
td(on)
9
20
Rise Time
tr
VDD = 50 V, RL = 50 W
11
20
ns
Turn-Off Delay Time
td(off)
VDD = 50 V, RL = 50 W
ID ^ 1 A, VGEN = 10 V, RG = 6 W
16
30
ns
Fall Time
tf
9
20
Gate Resistance
Rg
VGS = 0.1 V, f = 5 MHz
2.8
W
Source-Drain Reverse Recovery Time
trr
IF = 1.7 A, di/dt = 100 A/ms
50
80
ns
Notes
a.
Pulse test; pulse width v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0
2
4
6
8
0
123
456
0
2
4
6
8
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
VGS = 10 thru 6 V
TC = 125_C
-55_C
4 V
25_C
Output Characteristics
Transfer Characteristics
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
5 V


同様の部品番号 - SI3430DV

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3430DV VISHAY-SI3430DV Datasheet
92Kb / 5P
   N-Channel 100-V (D-S) MOSFET
Rev. B, 18-Aug-03
SI3430DV-T1 VISHAY-SI3430DV-T1 Datasheet
92Kb / 5P
   N-Channel 100-V (D-S) MOSFET
Rev. B, 18-Aug-03
SI3430DV-T1-E3 VISHAY-SI3430DV-T1-E3 Datasheet
239Kb / 10P
   N-Channel 100 V (D-S) MOSFET
01-Jan-2022
SI3430DV-T1-GE3 VISHAY-SI3430DV-T1-GE3 Datasheet
181Kb / 9P
   N-Channel 100-V (D-S) MOSFET
Rev. C, 04-May-09
logo
VBsemi Electronics Co.,...
SI3430DV-T1-GE3 VBSEMI-SI3430DV-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

同様の説明 - SI3430DV

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SIR870ADP_1209 VISHAY-SIR870ADP_1209 Datasheet
481Kb / 13P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 28-Nov-11
SIR876DP VISHAY-SIR876DP Datasheet
191Kb / 9P
   N-Channel 100 V (D-S) MOSFET
Rev. B, 22-Nov-10
SIR882ADP VISHAY-SIR882ADP_15 Datasheet
336Kb / 14P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Aug-11
SI7456CDP VISHAY-SI7456CDP Datasheet
132Kb / 7P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 05-Apr-10
logo
Analog Power
AM90N10-07B ANALOGPOWER-AM90N10-07B Datasheet
365Kb / 5P
   N-Channel 100-V (D-S) MOSFET
AM290N10-02FP ANALOGPOWER-AM290N10-02FP Datasheet
317Kb / 5P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
SUM70040M VISHAY-SUM70040M Datasheet
173Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 17-Aug-15
SUA70060E VISHAY-SUA70060E Datasheet
200Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 06-Jun-16
SUD70090E VISHAY-SUD70090E Datasheet
201Kb / 8P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 01-Feb-16
SI2392DS VISHAY-SI2392DS Datasheet
245Kb / 10P
   N-Channel 100 V (D-S) MOSFET
Rev. A, 15-Apr-13
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com