データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STFU15N80K5 データシート(PDF) 5 Page - STMicroelectronics

部品番号 STFU15N80K5
部品情報  N-channel 800 V, 0.3typ., 14 A MDmesh??K5 Power MOSFET in a TO-220FP ultra narrow leads package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFU15N80K5 データシート(HTML) 5 Page - STMicroelectronics

  STFU15N80K5 Datasheet HTML 1Page - STMicroelectronics STFU15N80K5 Datasheet HTML 2Page - STMicroelectronics STFU15N80K5 Datasheet HTML 3Page - STMicroelectronics STFU15N80K5 Datasheet HTML 4Page - STMicroelectronics STFU15N80K5 Datasheet HTML 5Page - STMicroelectronics STFU15N80K5 Datasheet HTML 6Page - STMicroelectronics STFU15N80K5 Datasheet HTML 7Page - STMicroelectronics STFU15N80K5 Datasheet HTML 8Page - STMicroelectronics STFU15N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
STFU15N80K5
Electrical characteristics
DocID027658 Rev 2
5/13
Table 7: Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
14
A
ISDM
Source-drain current (pulsed)
-
56
A
VSD(1)
Forward on voltage
ISD = 14 A, VGS = 0 V
-
1.5
V
trr
Reverse recovery time
ISD = 14 A, di/dt = 100 A/µs,
VDD = 60 V
-
445
ns
Qrr
Reverse recovery charge
-
8.2
µC
IRRM
Reverse recovery current
-
37
A
trr
Reverse recovery time
ISD = 14 A, di/dt = 100 A/µs,
VDD = 60 V, Tj = 150 °C
-
580
ns
Qrr
Reverse recovery charge
-
10
µC
IRRM
Reverse recovery current
-
35
A
Notes:
(1)Pulsed: pulse duration = 300μs, duty cycle 1.5%.
Table 8: Gate-source Zener diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)GSO
Gate-source breakdown voltage
IGS = ±1mA, ID = 0 V
30
-
-
V
The built-in back-to-back Zener diodes are specifically designed to enhance the ESD
performance of the device. The Zener voltage facilitates efficient and cost-effective device
integrity protection, thus eliminating the need for additional external componentry.


同様の部品番号 - STFU15N80K5

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STFU15NM65N STMICROELECTRONICS-STFU15NM65N Datasheet
807Kb / 12P
   N-channel 650 V, 0.35 廓 typ., 12 A MDmesh??II Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
logo
Inchange Semiconductor ...
STFU15NM65N ISC-STFU15NM65N Datasheet
294Kb / 2P
   isc N-Channel Mosfet Transistor
More results

同様の説明 - STFU15N80K5

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STFU13N80K5 STMICROELECTRONICS-STFU13N80K5 Datasheet
754Kb / 13P
   N-channel 800 V, 0.37 廓 typ., 12 A MDmesh??K5 Power MOSFET in a TO-220FP ultra narrow leads package
October 2015 Rev 1
STFU14N80K5 STMICROELECTRONICS-STFU14N80K5 Datasheet
459Kb / 12P
   N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a TO-220FP ultra narrow leads package
Rev 1 - January 2019
STF10LN80K5 STMICROELECTRONICS-STF10LN80K5 Datasheet
714Kb / 14P
   N-channel 800 V, 0.55 廓 typ., 8 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 3
STF7LN80K5 STMICROELECTRONICS-STF7LN80K5 Datasheet
709Kb / 13P
   N-channel 800 V, 0.95 廓 typ., 5 A MDmesh??K5 Power MOSFET in a TO-220FP package
December 2015 Rev 1
STF23N80K5 STMICROELECTRONICS-STF23N80K5 Datasheet
714Kb / 13P
   N-channel 800 V, 0.23 廓 typ., 16 A MDmesh??K5 Power MOSFET in a TO-220FP package
August 2015 Rev 1
STFU10N80K5 STMICROELECTRONICS-STFU10N80K5_V01 Datasheet
841Kb / 17P
   N-channel 800 V, 0.470 Ω typ., 9 A MDmesh™ K5 Power MOSFETs in a TO-220FP and TO-220FP ultra narrow leads
September 2016
STF17N80K5 STMICROELECTRONICS-STF17N80K5 Datasheet
636Kb / 13P
   N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220FP package
January 2016
STF10N80K5 STMICROELECTRONICS-STF10N80K5 Datasheet
576Kb / 14P
   N-channel 800 V, 0.470 ??typ., 9 A MDmesh??K5 Power MOSFET in a TO-220FP package
November 2014 Rev 4
STFU15NM65N STMICROELECTRONICS-STFU15NM65N Datasheet
807Kb / 12P
   N-channel 650 V, 0.35 廓 typ., 12 A MDmesh??II Power MOSFET in a TO-220FP ultra narrow leads package
September 2015 Rev 2
STFU13N65M2 STMICROELECTRONICS-STFU13N65M2 Datasheet
759Kb / 12P
   N-channel 650 V, 0.37 廓 typ., 10 A MDmesh??M2 Power MOSFET in a TO-220FP ultra narrow leads package
May 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com