データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI3552DV データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI3552DV
部品情報  N- and P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3552DV データシート(HTML) 1 Page - Vishay Siliconix

  SI3552DV Datasheet HTML 1Page - Vishay Siliconix SI3552DV Datasheet HTML 2Page - Vishay Siliconix SI3552DV Datasheet HTML 3Page - Vishay Siliconix SI3552DV Datasheet HTML 4Page - Vishay Siliconix SI3552DV Datasheet HTML 5Page - Vishay Siliconix SI3552DV Datasheet HTML 6Page - Vishay Siliconix SI3552DV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Si3552DV
Vishay Siliconix
New Product
Document Number: 70971
S-61831—Rev. A, 23-Aug-99
www.vishay.com
S FaxBack 408-970-5600
2-1
N- and P-Channel 30-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
N-Channel
30
0.105 @ VGS = 10 V
"2.5
N-Channel
30
0.175 @ VGS = 4.5 V
"2.0
P-Channel
–30
0.200 @ VGS = –10 V
"1.8
P-Channel
–30
0.360 @ VGS = –4.5 V
"1.2
D1
G1
S1
N-Channel MOSFET
S2
G2
D2
P-Channel MOSFET
TSOP-6
Top View
6
4
1
2
3
5
2.85 mm
3 mm
D2
G2
S1
S2
D1
G1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
–30
V
Gate-Source Voltage
VGS
"20
"20
V
Continuous Drain Current (TJ = 150_C)a, b
TA = 25_C
ID
"2.5
"1.8
A
Continuous Drain Current (TJ = 150_C)a, b
TA = 70_C
ID
"2.0
"1.2
A
Pulsed Drain Current
IDM
"8
"7
A
Continuous Source Current (Diode Conduction)a, b
IS
1.05
–1.05
Maximum Power Dissipationa, b
TA = 25_C
PD
1.15
W
Maximum Power Dissipationa, b
TA = 70_C
PD
0.73
W
Operating Junction and Storage Temperature Range
TJ, Tstg
–55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
v 5 sec
RthJA
93
110
_C/W
Maximum Junction-to-Ambienta
Steady State
RthJA
130
150
_C/W
Maximum Junction-to-Lead
Steady State
RthJL
75
90
Notes
a.
Surface Mounted on FR4 Board.
b.
t
v 5 sec


同様の部品番号 - SI3552DV

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI3552DV VISHAY-SI3552DV Datasheet
117Kb / 8P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 18-Aug-03
SI3552DV VISHAY-SI3552DV Datasheet
203Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 12-Oct-09
logo
Vishay Telefunken
SI3552DV TFUNK-SI3552DV Datasheet
205Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI3552DV VISHAY-SI3552DV Datasheet
281Kb / 13P
   N- and P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI3552DV-T1 VISHAY-SI3552DV-T1 Datasheet
117Kb / 8P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 18-Aug-03
More results

同様の説明 - SI3552DV

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4532DY VISHAY-SI4532DY Datasheet
123Kb / 7P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. D, 23-Nov-93
SI3590DV VISHAY-SI3590DV_09 Datasheet
232Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. C, 28-Sep-09
SI6544BDQ VISHAY-SI6544BDQ Datasheet
66Kb / 8P
   N-and P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Jun-03
SI5511DC VISHAY-SI5511DC Datasheet
164Kb / 12P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. B, 22-Oct-07
SI5504BDC VISHAY-SI5504BDC_10 Datasheet
152Kb / 12P
   N- and P-Channel 30 V (D-S) MOSFET
Rev. B, 08-Mar-10
logo
Guangdong Kexin Industr...
KI4544DY KEXIN-KI4544DY Datasheet
56Kb / 2P
   N- and P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AO4606A VBSEMI-AO4606A Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
FDS8960C-NL VBSEMI-FDS8960C-NL Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
logo
Vishay Telefunken
SI3590DV TFUNK-SI3590DV Datasheet
233Kb / 13P
   N- and P-Channel 30-V (D-S) MOSFET
SI4532CDY TFUNK-SI4532CDY Datasheet
296Kb / 15P
   N- and P-Channel 30 V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
SH8M4TB VBSEMI-SH8M4TB Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com