データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EZR32WG330F64R55G データシート(PDF) 9 Page - Silicon Laboratories

部品番号 EZR32WG330F64R55G
部品情報  EZR32WG Wireless MCUs EZR32WG330 Data Sheet
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR32WG330F64R55G データシート(HTML) 9 Page - Silicon Laboratories

Back Button EZR32WG330F64R55G Datasheet HTML 5Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 6Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 7Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 8Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 9Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 10Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 11Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 12Page - Silicon Laboratories EZR32WG330F64R55G Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 87 page
background image
3.1.30.1 EZRadio® and EZRadioPRO® Transceivers GPIO Configuration
The EZRadio and EZRadioPRO Transceivers have 4 General Purpose Digital I/O pins. These GPIOs may be configured to perform
various radio-specific functions, including Clock Output, FIFO Status, POR, Wake-up Timer, TRSW, AntDiversity control, etc.
Two of the radio GPIO pins are directly connected to pins on the package (GPIO2 and GPIO3). However, the remaining two radio GPIO
pins (GPIO0 and GPIO1) connect internally on the EZR32WG to the pins shown in 3.1.30 EZRadio® and EZRadioPro® Transceivers.
These radio GPIOs may be routed to external package pins using the EZR32WG’s peripheral reflex system (PRS). Note that the maxi-
mum frequency of the GPIO pins routed through PRS pins may be limited to ~10 MHz.
Below is some example code illustrating how to configure the EZR32WG PRS system to output the radio GPIO0/GPIO1 functions to
EZR32WG pins PA0 / PA1, respectively. Note that the radio GPIO0/GPIO1 functions could also be connected to EZR32WG pins PF3/
PF4.
/* PRS routing radio GPIO0 and GPIO1 to external pin PA0&PA1 */
/ * Note that this code example uses the emlib library functions for CMU, GPIO, and PRS */
/* Enable PRS clock */
CMU_ClockEnable(cmuClock_PRS, true);
/* Setup input pins */
GPIO_PinModeSet(gpioPortA, 15, gpioModeInput, 0);
GPIO_PinModeSet(gpioPortE, 14, gpioModeInput, 0);
/* Setup output pins */
GPIO_PinModeSet(gpioPortA, 0, gpioModePushPull, 0);
GPIO_PinModeSet(gpioPortA, 1, gpioModePushPull, 0);
/* Configure INT/PRS channels */
GPIO_IntConfig(gpioPortA, 15, false, false, false);
GPIO_IntConfig(gpioPortE, 14, false, false, false);
/* Setup PRS */
PRS_SourceAsyncSignalSet(0, PRS_CH_CTRL_SOURCESEL_GPIOH, PRS_CH_CTRL_SIGSEL_GPIOPIN15);
PRS_SourceAsyncSignalSet(1, PRS_CH_CTRL_SOURCESEL_GPIOH, PRS_CH_CTRL_SIGSEL_GPIOPIN14);
PRS->ROUTE = (PRS_ROUTE_CH0PEN | PRS_ROUTE_CH1PEN);
/* Make sure PRS sensing is enabled (should be by default) */
GPIO_InputSenseSet(GPIO_INSENSE_PRS, GPIO_INSENSE_PRS);
EZR32WG330 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1 | 8


同様の部品番号 - EZR32WG330F64R55G

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
EZR32WG330F64R55G SILABS-EZR32WG330F64R55G Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330F64R55G-B0 SILABS-EZR32WG330F64R55G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32WG330F64R55G-B0R SILABS-EZR32WG330F64R55G-B0R Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
More results

同様の説明 - EZR32WG330F64R55G

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
EZR32WG230F256 SILABS-EZR32WG230F256 Datasheet
1Mb / 87P
   EZR32WG Wireless MCUs EZR32WG230 Data Sheet
EZR32WG SILABS-EZR32WG Datasheet
1Mb / 89P
   EZR32WG Wireless MCUs
Rev. 2.1
EZR32LG230F256 SILABS-EZR32LG230F256 Datasheet
1Mb / 87P
   EZR32LG Wireless MCUs EZR32LG230 Data Sheet
EZR32LG330F256 SILABS-EZR32LG330F256 Datasheet
1Mb / 87P
   EZR32LG Wireless MCUs EZR32LG330 Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
BGM210P SILABS-BGM210P Datasheet
2Mb / 50P
   BGM210P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.3
BGM220P SILABS-BGM220P Datasheet
2Mb / 49P
   BGM220P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.0
BGM240P SILABS-BGM240P Datasheet
3Mb / 62P
   BGM240P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.0
BGX220P SILABS-BGX220P Datasheet
2Mb / 39P
   BGX220P Wireless Gecko Bluetooth Xpress Module Data Sheet
Rev. 1.0
BGM13P SILABS-BGM13P Datasheet
4Mb / 103P
   BGM13P Wireless Gecko Bluetooth ® Module Data Sheet
Rev. 1.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com