データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EZR32WG330F128R55G データシート(PDF) 8 Page - Silicon Laboratories

部品番号 EZR32WG330F128R55G
部品情報  EZR32WG Wireless MCUs EZR32WG330 Data Sheet
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

EZR32WG330F128R55G データシート(HTML) 8 Page - Silicon Laboratories

Back Button EZR32WG330F128R55G Datasheet HTML 4Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 5Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 6Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 7Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 8Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 9Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 10Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 11Page - Silicon Laboratories EZR32WG330F128R55G Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
3.1.30 EZRadio® and EZRadioPro® Transceivers
The EZR32WG family of devices is built using high-performance, low-current EZRadio and EZRadioPro RF transceivers covering the
sub-GHz frequency bands from 142 to 1050 MHz. These devices offer outstanding sensitivity of upto –133 dBm (using EZRadioPro)
while achieving extremely low active and standby current consumption. The EZR32WG devices using the EZRadioPro transceiver offer
frequency coverage in all major bands and include optimal phase noise, blocking, and selectivity performance for narrow band and li-
censed band applications, such as FCC Part 90 and 169 MHz wireless Mbus. The 69 dB adjacent channel selectivity with 12.5 kHz
channel spacing ensures robust receive operation in harsh RF conditions, which is particularly important for narrow band operation. The
active mode TX current consumption of 18 mA at +10 dBm and RX current of 10 mA coupled with extremely low standby current and
fast wake times is optimized for extended battery life in the most demanding applications. The EZR32WG devices can achieve up to
+27 dBm output power with built-in ramping control of a low-cost external FET. The devices can meet worldwide regulatory standards:
FCC, ETSI, and ARIB. All devices are designed to be compliant with 802.15.4g and WMbus smart metering standards. The devices are
highly flexible and can be programmed and configured via Simplicity Studio, available at www.silabs.com.
Communications between the radio and MCU are done over USART, PRS and IRQ, which requires the pins to be configured in the
following way:
Table 3.1. Radio MCU Communication Configuration
EZR32WG Pin
Radio Assignment
EZR32WG Function Assignment
PE8
SDN
GPIO Output
PE9
nSEL
Bit-Banged SPI.CS (GPIO Output)
PE10
SDI
US0_TX #0
PE11
SDO
US0_RX #0
PE12
SCLK
US0_CLK #0
PE13
nIRQ
GPIO_EM4WU5 (GPIO Input with IRQ ena-
bled)
PE14
GPIO1
PRS Input
PA15
GPIO0
PRS Input
EZR32WG330 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.1 | 7


同様の部品番号 - EZR32WG330F128R55G

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
EZR32WG330F128R55G SILABS-EZR32WG330F128R55G Datasheet
1Mb / 87P
   Building and home automation
EZR32WG330F128R55G-B0 SILABS-EZR32WG330F128R55G-B0 Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
EZR32WG330F128R55G-B0R SILABS-EZR32WG330F128R55G-B0R Datasheet
163Kb / 4P
   This change does not impact form, function, quality or reliability.
More results

同様の説明 - EZR32WG330F128R55G

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
EZR32WG230F256 SILABS-EZR32WG230F256 Datasheet
1Mb / 87P
   EZR32WG Wireless MCUs EZR32WG230 Data Sheet
EZR32WG SILABS-EZR32WG Datasheet
1Mb / 89P
   EZR32WG Wireless MCUs
Rev. 2.1
EZR32LG230F256 SILABS-EZR32LG230F256 Datasheet
1Mb / 87P
   EZR32LG Wireless MCUs EZR32LG230 Data Sheet
EZR32LG330F256 SILABS-EZR32LG330F256 Datasheet
1Mb / 87P
   EZR32LG Wireless MCUs EZR32LG330 Data Sheet
EFR32MG22 SILABS-EFR32MG22 Datasheet
1Mb / 102P
   EFR32MG22 Wireless Gecko SoC Family Data Sheet
Rev. 1.1
BGM210P SILABS-BGM210P Datasheet
2Mb / 50P
   BGM210P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.3
BGM220P SILABS-BGM220P Datasheet
2Mb / 49P
   BGM220P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.0
BGM240P SILABS-BGM240P Datasheet
3Mb / 62P
   BGM240P Wireless Gecko Bluetooth Module Data Sheet
Rev. 1.0
BGX220P SILABS-BGX220P Datasheet
2Mb / 39P
   BGX220P Wireless Gecko Bluetooth Xpress Module Data Sheet
Rev. 1.0
BGM13P SILABS-BGM13P Datasheet
4Mb / 103P
   BGM13P Wireless Gecko Bluetooth ® Module Data Sheet
Rev. 1.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com