データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si1065-A-GM データシート(PDF) 1 Page - Silicon Laboratories

部品番号 Si1065-A-GM
部品情報  MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
Download  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si1065-A-GM データシート(HTML) 1 Page - Silicon Laboratories

  Si1065-A-GM Datasheet HTML 1Page - Silicon Laboratories Si1065-A-GM Datasheet HTML 2Page - Silicon Laboratories Si1065-A-GM Datasheet HTML 3Page - Silicon Laboratories Si1065-A-GM Datasheet HTML 4Page - Silicon Laboratories Si1065-A-GM Datasheet HTML 5Page - Silicon Laboratories Si1065-A-GM Datasheet HTML 6Page - Silicon Laboratories Si1065-A-GM Datasheet HTML 7Page - Silicon Laboratories Si1065-A-GM Datasheet HTML 8Page - Silicon Laboratories Si1065-A-GM Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 358 page
background image
Ultra Low Power, 64/32 kB, 10-Bit ADC
MCU with Integrated 240–960 MHz EZRadioPRO® Transceiver
Si106x/108x
Rev. 1.0 2/13
Copyright © 2013 by Silicon Laboratories
Si106x/108x
Ultra-low power 8051 µC Core
- 25 MHz, single-cycle 8051 compatible CPU
- 25 MIPS peak throughput with 25 MHz clock
- Industry's lowest active and sleep currents
- 160 µA/MHz: active mode
- 10 nA sleep with brownout detectors disabled
- 50 nA sleep with brownout detectors enabled
- 600 nA sleep with internal RTC
- 2 µs wake-up time
- On-chip debug
Memory
- Up to 64 kB of flash and 4 kB of RAM
Peripherals
- 10-bit analog-to-digital converter
- Temperature sensor
- Dual comparators
- 11 general purpose I/O
- UART, SPI, I2C
- Four general purpose 16-bit counter/timers
- Precision internal oscillators
- 24.5 MHz with ±2% accuracy
- Low power 20 MHz internal oscillator
- External oscillator: crystal, RC, C, CMOS clock
- RTC: 32.768 kHz crystal or self-oscillate
Transceiver Features (Si1060)
- Data rate up to 1 Mbps
- 142–1050 MHz frequency range
- On-chip crystal tuning
- –126 dBm receive sensitivity @ 500 bps, GFSK
- Modulation: OOK, (G)FSK, and 4(G)FSK
- Up to +20 dBm output power
- Low power consumption
- 10/13 mA RX
- 18 mA TX at +10 dBm
- 30 nA shutdown, 50 nA standby
- Fast wake and hop times
- Excellent selectivity performance
- 60 dB adjacent channel
- 73 dB blocking at 1 MHz
- Antenna diversity and T/R switch control
- Highly configurable packet handler
- TX and RX 64 byte FIFOs
- Auto frequency control (AFC)
- Automatic gain control (AGC)
- IEEE 802.15.4g compliant
System
- Supply voltage: 1.8 to 3.6 V
- 0.9–3.6 V operation with built-in dc-dc converter
- Brownout detectors cover sleep and active modes
- Low battery detector
- Low BOM count
- 5x6 36-pin QFN package
Applications
- Home automation
- Home security
- Remote control
- Garage door openers
- Remote keyless Entry
- Home health care
- Smart metering
- Building Lighting control
- Building HVAC control
- Fire and Security monitoring
- Security and Access control
- Telemetry
CIP-51 8051
Controller Core
Flash
Program Memory
SRAM
SFR
Bus
P0.2/XTAL1
SYSCLK
System Clock
Configuration
External
Oscillator
Circuit
Precision
24.5 MHz
Oscillator
Debug /
Programming
Hardware
Power On
Reset/PMU
Reset
C2D
RST/C2CK
Wake
P0.3/XTAL2
Low Power
20 MHz
Oscillator
SmaRTClock
Oscillator
XTAL3
XTAL4
CRC
Engine
RXp
RXn
TX
XIN
XOUT
Analog Peripherals
Comparators
+
-
10-bit
300ksps
ADC
A
M
U
X
Temp
Sensor
External
VREF
Internal
VREF
VDD
VREF
GND
CP0, CP0A
+
-
CP1, CP1A
RF XCVR
OSC
PA
LNA
AGC
Mixer
PGA
ADC
Port I/O
Config
Digital Peripherals
UART
Timers 0,
1, 2, 3
PCA/
WDT
SMBus
Priority
Crossbar
Decoder
Transceiver Control Interface
SPI 0
11
ANALOG &
DIGITAL I/O
GPIO
LDO
POR
VDD
Modem
FIFO
Packet
Handler
Digital
Logic
4
DC/DC
Converter
Analog
Power
VREG
Digital
Power
VDD/DC+
GND/DC-
VBAT
GND


同様の部品番号 - Si1065-A-GM

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI1065X VISHAY-SI1065X Datasheet
109Kb / 6P
   P-Channel 12-V (D-S) MOSFET
S-80641-Rev. B, 24-Mar-08
SI1065X-T1-E3 VISHAY-SI1065X-T1-E3 Datasheet
109Kb / 6P
   P-Channel 12-V (D-S) MOSFET
S-80641-Rev. B, 24-Mar-08
SI1065X-T1-GE3 VISHAY-SI1065X-T1-GE3 Datasheet
109Kb / 6P
   P-Channel 12-V (D-S) MOSFET
S-80641-Rev. B, 24-Mar-08
More results

同様の説明 - Si1065-A-GM

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SI1000-E-GM2 SILABS-SI1000-E-GM2 Datasheet
2Mb / 382P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
SI1000 SILABS-SI1000 Datasheet
2Mb / 376P
   Ultra Low Power, 64/32 kB, 10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
List of Unclassifed Man...
SS1102C ETC1-SS1102C Datasheet
1Mb / 129P
   Integrated MCU with Spread-Spectrum Transceiver (SST)
logo
Silicon Laboratories
SI1010 SILABS-SI1010 Datasheet
2Mb / 384P
   Ultra Low Power, 16/8 kB, 12/10-Bit ADC MCU with Integrated 240-960 MHz EZRadioPRO Transceiver
logo
Texas Instruments
LMH34400 TI-LMH34400_V01 Datasheet
1Mb / 27P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
REVISED AUGUST 2022
LMH34400 TI-LMH34400 Datasheet
1Mb / 25P
[Old version datasheet]   LMH34400 240-MHz, Single-Ended, Transimpedance Amplifier with Integrated Clamp
MARCH 2022
logo
ams AG
AS8530 AMSCO-AS8530 Datasheet
893Kb / 29P
   LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530 AMSCO-AS8530_1 Datasheet
958Kb / 32P
   LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
AS8530_V1 AMSCO-AS8530_V1 Datasheet
960Kb / 32P
   LIN Transceiver with Integrated Voltage Regulator and MCU Interface for Automotive Applications
logo
Silicon Laboratories
1060-915-DK SILABS-1060-915-DK Datasheet
1Mb / 3P
   ULTRA-LOW POWER MCU WITH INTEGRATED HIGH-PERFORMANCE SUB-1 GHZ TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com