データシートサーチシステム |
|
Si1084-A-GM データシート(PDF) 5 Page - Silicon Laboratories |
|
Si1084-A-GM データシート(HTML) 5 Page - Silicon Laboratories |
5 / 358 page Rev. 1.0 5 Si106x/108x 15.9. DC-DC Converter Register Descriptions ....................................................... 181 15.10. DC-DC Converter Specifications ................................................................. 183 16. Voltage Regulator (VREG0)................................................................................. 184 16.1. Voltage Regulator Electrical Specifications ................................................... 184 17. Reset Sources ...................................................................................................... 185 17.1. MCU Power-On (VBAT Supply Monitor) Reset ............................................. 186 17.2. Power-Fail (VDD_MCU Supply Monitor) Reset............................................. 187 17.3. External Reset ............................................................................................... 189 17.4. Missing Clock Detector Reset ....................................................................... 189 17.5. Comparator0 Reset ....................................................................................... 190 17.6. PCA Watchdog Timer Reset ......................................................................... 190 17.7. Flash Error Reset .......................................................................................... 190 17.8. SmaRTClock (Real Time Clock) Reset ......................................................... 190 17.9. Software Reset .............................................................................................. 190 18. Clocking Sources................................................................................................. 192 18.1. Programmable Precision Internal Oscillator .................................................. 193 18.2. Low Power Internal Oscillator........................................................................ 193 18.3. External Oscillator Drive Circuit..................................................................... 193 18.4. Special Function Registers for Selecting and Configuring the System Clock 197 19. SmaRTClock (Real Time Clock).......................................................................... 200 19.1. SmaRTClock Interface .................................................................................. 200 19.2. SmaRTClock Clocking Sources .................................................................... 207 19.3. SmaRTClock Timer and Alarm Function ....................................................... 211 20. Si106x/108xPort Input/Output............................................................................. 217 20.1. Port I/O Modes of Operation.......................................................................... 218 20.2. Assigning Port I/O Pins to Analog and Digital Functions............................... 219 20.3. Priority Crossbar Decoder ............................................................................. 221 20.4. Port Match ..................................................................................................... 226 20.5. Special Function Registers for Accessing and Configuring Port I/O ............. 229 21. Controller Interface.............................................................................................. 238 21.1. Serial Interface (SPI1) ................................................................................... 238 21.2. Fast Response Registers (Si1060/61/62/63 and Si1080/81/82/83) .............. 241 21.3. Operating Modes and Timing ........................................................................ 241 21.4. Application Programming Interface (API) ...................................................... 246 21.5. GPIO .......................................................................................................... 247 22. Radio 142–1050 MHz Transceiver Functional Description .............................. 248 23. Modulation and Hardware Configuration Options............................................ 249 23.1. Modulation Types .......................................................................................... 249 23.2. Hardware Configuration Options ................................................................... 249 23.3. Preamble Length ........................................................................................... 250 24. Internal Functional Blocks .................................................................................. 252 24.1. RX Chain ....................................................................................................... 252 24.2. RX Modem..................................................................................................... 253 24.3. Synthesizer.................................................................................................... 255 24.4. Transmitter (TX) ............................................................................................ 258 |
同様の部品番号 - Si1084-A-GM |
|
同様の説明 - Si1084-A-GM |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |