データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Si4461 データシート(PDF) 9 Page - Silicon Laboratories

部品番号 Si4461
部品情報  HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si4461 データシート(HTML) 9 Page - Silicon Laboratories

Back Button Si4461 Datasheet HTML 5Page - Silicon Laboratories Si4461 Datasheet HTML 6Page - Silicon Laboratories Si4461 Datasheet HTML 7Page - Silicon Laboratories Si4461 Datasheet HTML 8Page - Silicon Laboratories Si4461 Datasheet HTML 9Page - Silicon Laboratories Si4461 Datasheet HTML 10Page - Silicon Laboratories Si4461 Datasheet HTML 11Page - Silicon Laboratories Si4461 Datasheet HTML 12Page - Silicon Laboratories Si4461 Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Si4463/61/60-C
Rev 1.0
9
Table 4. Transmitter AC Electrical Characteristics
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
TX Frequency
Range
FTX
850
1050
MHz
350
525
MHz
284
350
MHz
142
175
MHz
(G)FSK Data Rate
DRFSK
0.1
500
kbps
4(G)FSK Data Rate
DR4FSK
0.2
1000
kbps
OOK Data Rate
DROOK
0.1
120
kbps
Modulation Deviation
Range
f960
850–1050 MHz
—1.5
MHz
f525
420–525 MHz
—750
kHz
f420
350–420 MHz
600
—kHz
f350
283–350 MHz
—500
kHz
f175
142–175 MHz
—250
kHz
Modulation Deviation
Resolution
FRES-960
850–1050 MHz
28.6
—Hz
FRES-525
420–525 MHz
14.3
—Hz
FRES-420
350–420 MHz
11.4
—Hz
FRES-350
283–350 MHz
9.5
—Hz
FRES-175
142–175 MHz
4.7
—Hz
Output Power Range
(Si4463)
PTX63
Typical range at 3.3 V with Class E
Match optimized for best PA efficiency
–20
+20
dBm
Output Power Range
(Si4461)
PTX61
Typical range at 3.3 V with Class E
Match optimized for best PA efficiency
–40
+16
dBm
Output Power Range
(Si4460)
PTX60
Typical range at 3.3 V with Class E
Match optimized for best PA efficiency.
Efficiency can be traded off for higher
Tx output power up to +13 dBm
–20
+12.5
dBm
Notes:
1.
All minimum and maximum values are guaranteed across the recommended operating conditions of supply voltage and
from –40 to +85 °C unless otherwise stated. All typical values apply at VDD = 3.3 V and 25 °C unless otherwise stated.
2.
The maximum data rate is dependent on the XTAL frequency and is calculated as per the formula: Maximum Symbol
Rate = Fxtal/60, where Fxtal is the XTAL frequency (typically 30 MHz).
3.
Default API setting for modulation deviation resolution is double the typical value specified.
4.
Output power is dependent on matching components and board layout.


同様の部品番号 - Si4461

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SI4461 ETC2-SI4461 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4461 ETC2-SI4461 Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Silicon Laboratories
Si4461 SILABS-Si4461 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE
Si4461 SILABS-Si4461 Datasheet
859Kb / 56P
   HIGH-PERFORMANCE
SI4461 SILABS-SI4461 Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
More results

同様の説明 - Si4461

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
4463C-915-PDK SILABS-4463C-915-PDK Datasheet
1Mb / 56P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
SI4467-A2A-IM SILABS-SI4467-A2A-IM Datasheet
1Mb / 57P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4463-C2A-GM SILABS-SI4463-C2A-GM Datasheet
1Mb / 53P
   HIGH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0 10/14
SI4438-C2A-GM SILABS-SI4438-C2A-GM Datasheet
1Mb / 44P
   GH-PERFORMANCE, LOW-CURRENT TRANSCEIVER
Rev 1.0
logo
Texas Instruments
CC1121RHBT TI1-CC1121RHBT Datasheet
1Mb / 33P
[Old version datasheet]   High Performance Low Power RF Transceiver
logo
HOPE Microelectronics C...
RFM75P HOPE-RFM75P Datasheet
1Mb / 26P
   Low Power High Performance GFSK Transceiver
logo
Texas Instruments
CC1200 TI1-CC1200 Datasheet
1Mb / 30P
[Old version datasheet]   Low Power, High Performance RF Transceiver
CC1201 TI1-CC1201 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Power, High-Performance RF Transceiver
CC1121 TI1-CC1121 Datasheet
897Kb / 29P
[Old version datasheet]   High Performance Low Power RF Transceiver
logo
HOPE Microelectronics C...
RFM75 HOPE-RFM75 Datasheet
1Mb / 28P
   Low Power High Performance GFSK Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com