データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SLWSTK6062A データシート(PDF) 7 Page - Silicon Laboratories

部品番号 SLWSTK6062A
部品情報  UG183: EFR32 Flex Gecko 2400/490 MHz Wireless Starter Kit
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SILABS [Silicon Laboratories]
ホームページ  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SLWSTK6062A データシート(HTML) 7 Page - Silicon Laboratories

Back Button SLWSTK6062A Datasheet HTML 3Page - Silicon Laboratories SLWSTK6062A Datasheet HTML 4Page - Silicon Laboratories SLWSTK6062A Datasheet HTML 5Page - Silicon Laboratories SLWSTK6062A Datasheet HTML 6Page - Silicon Laboratories SLWSTK6062A Datasheet HTML 7Page - Silicon Laboratories SLWSTK6062A Datasheet HTML 8Page - Silicon Laboratories SLWSTK6062A Datasheet HTML 9Page - Silicon Laboratories SLWSTK6062A Datasheet HTML 10Page - Silicon Laboratories SLWSTK6062A Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
4.2.1 Expansion Header Pin-out
The pin-routing on the EFR32 is very flexible, so most peripherals can be routed to any pin. However, many pins are shared between
the Expansion Header and other functions on the Wireless STK Mainboard. Table 4.1 Expansion Header Pinout on page 6 includes
an overview of the mainboard features that share pins with the Expansion Header.
Table 4.1. Expansion Header Pinout
Pin
Connection
EXP Header function
Shared feature
Peripheral mapping
20
3V3
Board controller supply
18
5V
Board USB voltage
16
PC11
I2C_SDA
SENSOR_I2C_SDA
I2C1_SDA #16
14
PA1
UART_RX
VCOM_RX_MISO
USART0_RX #0
12
PA0
UART_TX
VCOM_TX_MOSI
USART0_TX #0
10
PC9
SPI_CS
USART1_CS #11
8
PC8
SPI_SCLK
FLASH_SCLK, DISP_SCLK
USART1_CLK #11
6
PC7
SPI_MISO
FLASH_MISO
USART1_RX #11
4
PC6
SPI_MOSI
FLASH_MOSI, DISP_MOSI
USART1_TX #11
2
VMCU
EFR32 voltage domain, included in AEM measurements.
19
BOARD_ID_SDA
Connected to Board Controller for identification of add-on boards.
17
BOARD_ID_SCL
Connected to Board Controller for identification of add-on boards.
15
PC10
I2C_SCL
SENSOR_I2C_SCL
I2C1_SCL #14
13
PF3
GPIO
DBG_TDI
11
PF4
GPIO
LED0
9
PF7
GPIO
BTN1
7
PF6
GPIO
BTN0
5
PA3
GPIO
VCOM_RTS_CS
USART0_CS #0
3
PA2
GPIO
VCOM_CTS_SCLK
USART0_CLK #0
1
GND
Ground
Note: Pin PF3 is used for DBG_TDI in JTAG mode only. When Serial Wire Debugging is used, PF3 can be used for other purposes.
UG183: EFR32 Flex Gecko 2400/490 MHz Wireless Starter Kit
Connectors
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.00 | 6


同様の部品番号 - SLWSTK6062A

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SLWSTK6060B SILABS-SLWSTK6060B Datasheet
1Mb / 34P
   UG317: EFR32FG14 2400/915 MHz 19 dBm Dual Band Radio Board and Wireless Starter Kit
Rev. 1.00
SLWSTK6061A SILABS-SLWSTK6061A Datasheet
1Mb / 32P
   UG182: EFR32 Flex Gecko 2400/868 MHz Wireless Starter Kit
SLWSTK6061B SILABS-SLWSTK6061B Datasheet
1Mb / 34P
   UG318: EFR32FG14 2400/868 MHz 13 dBm Dual Band Radio Board and Wireless Starter Kit
Rev. 1.00
SLWSTK6063B SILABS-SLWSTK6063B Datasheet
1Mb / 34P
   UG321: EFR32FG14 2400/434 MHz 10 dBm Dual Band Radio Board and Wireless Starter Kit
Rev. 1.00
More results

同様の説明 - SLWSTK6062A

メーカー部品番号データシート部品情報
logo
Silicon Laboratories
SLWSTK6061A SILABS-SLWSTK6061A Datasheet
1Mb / 32P
   UG182: EFR32 Flex Gecko 2400/868 MHz Wireless Starter Kit
SLWSTK6020B SILABS-SLWSTK6020B Datasheet
1Mb / 34P
   EFR32 Blue Gecko Bluetooth Starter Kit
Rev. 1.01
SLWRB4201A SILABS-SLWRB4201A Datasheet
1Mb / 31P
   UG374: EFR32ZG14 Zen Gecko Wireless Starter Kit
Rev. 1.1
SLWSTK6103A SILABS-SLWSTK6103A Datasheet
2Mb / 35P
   UG432: BGM220P Wireless Gecko Module Starter Kit
Rev. 1.0
SLWRB4202A SILABS-SLWRB4202A Datasheet
1Mb / 35P
   UG381: ZGM130S Zen Gecko Wireless Starter Kit
Rev. 1.2
SLWRB4310A SILABS-SLWRB4310A Datasheet
2Mb / 35P
   UG433: BGM220S Wireless Gecko Module Starter Kit
Rev. 1.0
SLWRB4200A SILABS-SLWRB4200A Datasheet
1Mb / 35P
   UG373: ZGM130S Zen Gecko Wireless Starter Kit
Rev. 1.2
SLWRB4167A SILABS-SLWRB4167A Datasheet
1Mb / 34P
   UG283: EFR32MG13 2400/868 MHz 10 dBm Wireless Starter Kit
Rev. 1.01
SLWRB4256A SILABS-SLWRB4256A Datasheet
1Mb / 34P
   UG285: EFR32FG13 2400/868 MHz 10 dBm Wireless Starter Kit
Rev. 1.01
SLWRB4255A SILABS-SLWRB4255A Datasheet
1Mb / 34P
   UG284: EFR32FG13 2400/915 MHz 19 dBm Wireless Starter Kit
Rev. 1.01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com